Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS556-03 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS556-03
Description  QUAD LVDS OSCILLATOR/BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS556-03 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS556-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS556-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MDS 556-03 B
1
Revision 030204
Integrat ed Circuit Systems ● 525 Race Stre et, San Jo se, CA 9 5126 ● te l (40 8 ) 2 97-12 01 ● www.ics t.co m
QUAD LVDS OSCILLATOR/BUFFER
ICS556-03
Description
The ICS556-03 is a clock oscillator with quad LVDS
outputs. Using a standard 25 MHz crystal, no additional
external components are required to generate quad
LVDS outputs at 25 MHz.
This product is intended for clock generation. It has low
output jitter (variation in the output period), but input to
output skew and jitter are not defined nor guaranteed.
Features
• Packaged in 16-pin TSSOP
• Requires no external components
• Low Phase Jitter: <1ps from 10 kHz to 10 MHz
• Quad, Differential LVDS outputs
• Operating voltage of 2.5 Volt
• Advanced, low-power, sub-micron CMOS process
Block Diagram
25MHz
Crystal
Oscillator
VDD
GND
CLKA
CLKA
LVDS
CLKB
CLKB
CLKC
CLKC
CLKD
CLKD
EN1
EN2
EN3
EN4


Similar Part No. - ICS556-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS556-01 ICST-ICS556-01 Datasheet
144Kb / 6P
BROADCOM 25 MHZ LVDS CLOCK
Revision 020204
ICS556-04 ICST-ICS556-04 Datasheet
145Kb / 6P
LOW SKEW 1 TO 4 CLOCK BUFFER
logo
Renesas Technology Corp
ICS556-04 RENESAS-ICS556-04 Datasheet
352Kb / 8P
LOW SKEW 1 TO 4 CLOCK BUFFER
051310
More results

Similar Description - ICS556-03

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV001 NSC-DS90LV001 Datasheet
396Kb / 13P
3.3V LVDS-LVDS Buffer
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
logo
Advanced Crystal Techno...
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9214 ACT-ACT9214 Datasheet
276Kb / 3P
LVDS OSCILLATOR
16/08/05
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_06 Datasheet
97Kb / 2P
3.3V LVDS Oscillator
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
LVDS Oscillator LVDS Output
CALZ-A5BP22.5792TS ETC2-CALZ-A5BP22.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_12 Datasheet
745Kb / 14P
PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_16 Datasheet
153Kb / 2P
3.3V LVDS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com