Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557-08 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS557-08
Description  2:1 MULTIPLEXER CHIP FOR PCI-EXPRESS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557-08 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS557-08 Datasheet HTML 1Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 2Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 3Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 4Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 5Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 6Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 7Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 8Page - Integrated Circuit Systems ICS557-08 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MDS 557-08 C
3
Revision 021606
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS557-08
2:1 Multiplexer Chip for PCI-Express
Application Information
Decoupling Capacitors
As with any high-performance mixed-signal IC, the
ICS557-08 must be isolated from system power supply
noise to perform optimally.
Decoupling capacitors of 0.01µF must be connected
between each VDD and the PCB ground plane.
PCB Layout Recommendations
For optimum device performance and lowest output
phase noise, the following guidelines should be
observed.
Each 0.01µF decoupling capacitor should be mounted
on the component side of the board as close to the
VDD pin as possible. No vias should be used between
decoupling capacitor and VDD pin. The PCB trace to
VDD pin should be kept as short as possible, as should
the PCB trace to the ground via. Distance of the ferrite
bead and bulk decoupling from the device is less
critical.
2) An optimum layout is one with all components on the
same side of the board, minimizing vias through other
signal layers (the ferrite bead and bulk decoupling
capacitor can be mounted on the back). Other signal
traces should be routed away from the ICS557-08.
This includes signal traces just underneath the device,
or on layers adjacent to the ground plane layer used by
the device.
External Components
A minimum number of external components are
required for proper operation. Decoupling capacitors of
0.01
µF should be connected between VDD and GND
pins as close to the device as possible.
Current Reference Source Rr (Iref)
If board target trace impedance (Z) is 50
Ω, then Rr =
475
Ω (1%), providing IREF of 2.32 mA, output current
(IOH) is equal to 6*IREF.
Load Resistors RL
Since the clock outputs are open source outputs, 50
Ω
external resistors to ground are to be connected at
each clock output.
Output Termination
The PCI-Express differential clock outputs of the
ICS557-08 are open source drivers and require an
external series resistor and a resistor to ground. These
resistor values and their allowable locations are shown
in detail in the PCI-Express Layout Guidelines
section.
The ICS557-08 can also be configured for LVDS
compatible voltage levels. See the LVDS Compatible
Layout Guidelines section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com