Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8402I Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8402I
Description  350MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8402I Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8402I Datasheet HTML 2Page - Integrated Circuit Systems ICS8402I Datasheet HTML 3Page - Integrated Circuit Systems ICS8402I Datasheet HTML 4Page - Integrated Circuit Systems ICS8402I Datasheet HTML 5Page - Integrated Circuit Systems ICS8402I Datasheet HTML 6Page - Integrated Circuit Systems ICS8402I Datasheet HTML 7Page - Integrated Circuit Systems ICS8402I Datasheet HTML 8Page - Integrated Circuit Systems ICS8402I Datasheet HTML 9Page - Integrated Circuit Systems ICS8402I Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
8402AYI
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 23, 2004
6
Integrated
Circuit
Systems, Inc.
ICS8402I
350MHZ, CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDO = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDO = 3.3V±5%
OR
2.5V±5%, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
t
u
p
n
I
e
g
a
t
l
o
V
h
g
i
H
,
R
M
,
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
,
A
T
A
D
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
1
E
O
,
0
E
O
,
K
C
O
L
C
_
S
8
M
:
0
M
,
1
N
:
0
N
2V
D
D
3
.
0
+V
K
L
C
_
T
S
E
T2
V
D
D
3
.
0
+V
V
L
I
t
u
p
n
I
e
g
a
t
l
o
V
w
o
L
,
R
M
,
L
E
S
_
L
A
T
X
,
L
E
S
_
O
C
V
,
A
T
A
D
_
S
,
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
1
E
O
,
0
E
O
,
K
C
O
L
C
_
S
8
M
:
0
M
,
1
N
:
0
N
3
.
0
-8
.
0V
K
L
C
_
T
S
E
T3
.
0
-3
.
1V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
R
M
,
1
N
,
0
N
,
8
M
-
6
M
,
4
M
-
0
M
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
A
T
A
D
_
S
V
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
,
1
E
O
,
0
E
O
,
5
M
L
E
S
_
O
C
V
,
L
E
S
_
L
A
T
X
V
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
R
M
,
1
N
,
0
N
,
8
M
-
6
M
,
4
M
-
0
M
,
K
L
C
_
T
S
E
T
,
K
C
O
L
C
_
S
D
A
O
L
_
P
n
,
D
A
O
L
_
S
,
A
T
A
D
_
S
V
D
D
,
V
5
6
4
.
3
=
V
N
I
V
0
=
5
-A
µ
,
1
E
O
,
0
E
O
,
5
M
L
E
S
_
O
C
V
,
L
E
S
_
L
A
T
X
V
D
D
,
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
V
O
D
D
V
5
6
4
.
3
=6
.
2V
V
O
D
D
V
5
2
6
.
2
=8
.
1V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
5
.
0V
NOTE 1: Outputs terminated with 50
Ω to V
DDO/2.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
A
5
3
1
.
33
.
35
6
4
.
3V
V
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
5
2
1A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
8
1A
m
I
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
0
1A
m
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DDO + 0.5V
Package Thermal Impedance,
θ
JA
47.9°C/W (0 lfpm)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage to the
device.These ratings are stress specifications only. Functional
operation of product at these conditions or any conditions
beyond those listed in the
DC Characteristics or AC Charac-
teristics is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect product reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com