Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS558G-01 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS558G-01
Description  PECL/CMOS TO CMOS CLOCK DIVIDER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS558G-01 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS558G-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS558G-01 Datasheet HTML 5Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PECL/CMOS TO CMOS CLOCK DIVIDER
MDS 558-01 C
4
Revision 122105
In te gr ated Circuit Systems ● 525 Ra ce Street, San Jose, CA 9512 6 ● tel (4 08) 297-1 201 ● www.icst.com
ICS558-01
AC Electrical Characteristics
VDDP = VDDC = 3.3 V (unless stated otherwise), Ambient Temperature 0 to +70
°C
Thermal Characteristics (16-pin TSSOP)
Output Low Voltage
VOL
VDDC = 3.3 V,
IOL = 18 mA
0.4
V
Output High Voltage
VOH
VDDC = 2.5 V,
IOH = -8 mA
VDDC-0.4
V
Output Low Voltage
VOL
VDDC = 2.5 V
IOL = 8 mA
0.4
V
Operating Supply Current
IDDP
No load, 100
MHz input
22
mA
Operating Supply Current
IDDC
No load, 100
MHz input
18
mA
Short Circuit Current
+70
mA
On-chip pull-up resistor
RPU
250
k
Ω
Input Capacitance
CIN
4pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Input Frequency
0
250
MHz
Output Rise Time
tOR
800
ns
Output Fall Time
tOF
750
ns
Skew, between any output
clocks
(Assumes identically
loaded outputs with
identical rise times,
measured at VDDC/2)
0
250
ps
Propagation Delay
/1
5.0
ns
/2
6.0
ns
/3
ns
/4
7.0
ns
Output Clock Duty Cycle for /2
and /4
45
50
55
%
Output Clock Duty Cycle for /1
and /3
45
50
55
%
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com