Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC14CVMDECTSF01T Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # SC14CVMDECTSF01T
Description  Cordless Voice Module
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SC14CVMDECTSF01T Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button SC14CVMDECTSF01T Datasheet HTML 18Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 19Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 20Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 21Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 22Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 23Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 24Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 25Page - Dialog Semiconductor SC14CVMDECTSF01T Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
Datasheet
Revision 3.0
28-Jul-2015
CFR0011-120-00-FM Rev 5
22 of 57
© 2013 Dialog Semiconductor
SC14CVMDECT SF
Cordless Voice Module
FINAL
4.11.1 Handling product identities
To secure that the FP and PPs do not make cross-
communications a unique ID must be entered into the
VES of an FP or PP. For the DECT version the ID for
the FP is named RFPI and for the PP the ID is named
IPEI. These numbers are factory settings.
After a successful registration, the IPEI is stored in the
FP and the RFPI is stored in the PP. In this way the two
parts are known to each other and are allowed to make
connections. The registration data are automatically
stored in VES of the FP and PP while making the regis-
tration.
It is possible to register the same PP to 2 FPs, but it
can only be used in one FP at the same time.
4.11.2 Deregistration
There are two ways of deregistering a PP from an FP:
• Remote FP and PP deregistration
The correct way to deregister a PP from an FP is to
deregister it remotely in the FP. If this is done over a
service connection from the PP to the FP, the FP
actually performs the deregistration and then it is
automatically signalled to the PP which in turn will
drop out-of-lock. Using this method it is also possible
to deregister other PPs registered to the FP from
one PP.
• Removing all registrations at once from the FP (e.g.
in case the original PPs are lost).
4.12 PCM INTERFACE
The PCM supports the following modes:
• SLAVE mode clock sync. In this mode the clock of
the module will be adjusted to follow the PCM pro-
vided by the external PCM master clock. All audio
samples are kept if the provided PCM clock accu-
racy is +/- 5 ppm, which is a DECT radio require-
ment.
• SLAVE no clock sync. In this mode the clock of the
module is not synchronized. This means audio sam-
ple will be discarded in case the master PCM clock
is faster than the clock of the module or samples will
be repeated in case the master PCM clock is slower.
• MASTER mode. The FP is master on PCM interface
and therefore provides PCM clock and PCM_FSC to
an external device.
4.12.1 PCM Interface for FP
The SC14CVMDECT SF supports PCM interface func-
tionality to connect to an external audio source/destina-
tion.
The different PCM interface modes and timings are
shown in Figure 21 to Figure 26. Refer to document [1]
for detailed information.
4.12.2 PCM_FSC frequency
The PCM interface supports the following options:
• 8 kHz
• 16 kHz
4.12.3 Length of PCM_FSC
The PCM interface supports the following options:
• 1: The length of PCM_FSC pulse is equal to
1 data bit.
• 8: The length of PCM_FSC pulse is equal to
8 data bits.
• 16: The length of PCM_FSC pulse is equal to
16 data bits.
• 32: The length of PCM_FSC pulse is equal to
32 data bits.
Figure 20: Handling product identities



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com