Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS650-36 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS650-36
Description  Networking & PCI Clock Source
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS650-36 Datasheet(HTML) 6 Page - Integrated Circuit Systems

  ICS650-36 Datasheet HTML 1Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 2Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 3Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 4Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 5Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 6Page - Integrated Circuit Systems ICS650-36 Datasheet HTML 7Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Networking & PCI Clock Source
MDS 650-36 D
6
Revision 030206
In te gr ated C i rcuit Syste m s
● 525 R ace Street, San Jose, CA 9 5126 ● tel (40 8) 29 7-120 1● www.icst.com
ICS650-36
Thermal Characteristics
Marking Diagrams
(ICS650G-36)
(ICS650GI-36)
(ICS650G-36LF)
(ICS650GI-36LF)
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year, and the week number that the part was assembled.
3. “LF” or “L” designates Pb free packaging.
4. “I” designates industrial temperature range.
5. Bottom marking: (origin). Origin = country of origin if not USA.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
78
°C/W
θ
JA
1 m/s air flow
70
°C/W
θ
JA
3 m/s air flow
68
°C/W
Thermal Resistance Junction to Case
θ
JC
37
°C/W
1
8
9
16
650G-36
######
YYWW$$
1
8
9
16
650GI-36
######
YYWW$$
1
8
9
16
650G36LF
######
YYWW
1
8
9
16
650GI36L
######
YYWW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com