Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8432-101 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS8432-101
Description  700MHZ, DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8432-101 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS8432-101 Datasheet HTML 4Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 5Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 6Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 7Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 8Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 9Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 10Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 11Page - Integrated Circuit Systems ICS8432-101 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8432DY-101
www.icst.com/products/hiperclocks.html
REV. B JUNE 1, 2005
8
Integrated
Circuit
Systems, Inc.
ICS8432-101
700MHZ,
DIFFERENTIAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER
STORAGE AREA NETWORKS
A variety of technologies are used for interconnection of the
elements within a SAN.The tables below list the common appli-
Table 7. Common SANs Application Frequencies
Table 8. Configuration Details for SANs Applications
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8432-101 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA, and VCCO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 2 illustrates how
a 10
Ω resistor along with a 10μF and a .01μF bypass
capacitor should be connected to each V
CCA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 2. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
y
g
o
l
o
n
h
c
e
T
t
c
e
n
n
o
c
r
e
t
n
Ie
t
a
R
k
c
o
l
C
S
E
D
R
E
S
o
t
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
)
z
H
M
(
t
e
n
r
e
h
t
E
t
i
b
a
g
i
Gz
H
G
5
2
.
15
2
.
6
5
1
,
0
5
2
,
5
2
15
2
1
3
5
.
9
1
,
5
2
l
e
n
n
a
h
C
e
r
b
i
F
z
H
G
5
2
6
0
.
1
1
C
F
z
H
G
0
5
2
1
.
2
2
C
F
5
2
1
8
.
2
3
1
,
5
2
1
.
3
5
,
5
2
.
6
0
15
2
,
5
2
6
5
1
0
6
.
6
1
d
n
a
b
i
n
i
f
n
Iz
H
G
5
.
20
5
2
,
5
2
15
2
t
c
e
n
n
o
c
r
e
t
n
I
y
g
o
l
o
n
h
c
e
T
t
u
p
n
I
K
L
C
n
,
K
L
C
)
z
H
M
(
1
0
1
-
2
3
4
8
S
C
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
S
E
D
R
E
S
o
t
)
z
H
M
(
1
0
1
-
2
3
4
8
S
C
I
s
g
n
i
t
t
e
S
N
&
M
8
M7
M6
M5
M4
M3
M2
M1
M0
M1
N0
N
t
e
n
r
e
h
t
E
t
i
b
a
g
i
G
5
25
2
1
0000
1
0
1
00
1
0
5
20
5
2
0000
1
0
1
000
1
5
25
2
.
6
5
1
0000
11
00
11
0
5
2
1
3
5
.
9
15
2
.
6
5
1
000
1
00000
1
0
1
l
e
n
n
a
h
C
r
e
b
i
F
5
25
2
1
.
3
5
0000
1
000
111
5
25
2
.
6
0
1
0000
1
000
11
0
2
l
e
n
n
a
h
C
r
e
b
i
F5
2
6
5
1
0
6
.
6
15
2
1
8
.
2
3
1
000
1
00000
1
0
d
n
a
b
i
n
i
f
n
I
5
25
2
1
0000
1
0
1
00
1
0
5
20
5
2
0000
1
0
1
000
1
cation frequencies as well as the ICS8432-101 configurations
used to generate the appropriate frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com