Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6521 Datasheet(PDF) 32 Page - Analog Devices

Part # ADRF6521
Description  Low Frequency to 3 GHz, Dual VGA with Output Common-Mode and DC Offset Control
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6521 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADRF6521 Datasheet HTML 25Page - Analog Devices ADRF6521 Datasheet HTML 26Page - Analog Devices ADRF6521 Datasheet HTML 27Page - Analog Devices ADRF6521 Datasheet HTML 28Page - Analog Devices ADRF6521 Datasheet HTML 29Page - Analog Devices ADRF6521 Datasheet HTML 30Page - Analog Devices ADRF6521 Datasheet HTML 31Page - Analog Devices ADRF6521 Datasheet HTML 32Page - Analog Devices ADRF6521 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
ADRF6521
Data Sheet
Rev. 0 | Page 32 of 33
ENABLE AND DISABLE FUNCTION
To enable the ADRF6521, leave the PWD pin open or pull this
pin to VNEG + 3.0 V. Driving the PWD pin to VNEG disables
the device, reducing the current consumption to approximately
25 mA at room temperature.
GAIN PIN (VGN) DECOUPLING
The ADRF6521 has one analog gain control pin, VGN. The gain
changes when an applied VGN voltage is between 0 V and 1.5 V.
Maximum voltage on the VGN pin is equal to the voltage applied
to VPOS. Use at least one low inductance, surface-mount
ceramic capacitor with a value of 0.1 µF and one 1000 pF in
parallel to ground on the gain pin (VGN) to decouple to ground.
OUTPUT IMPEDANCE MATCHING
The ADRF6521 natively has a low differential output impedance
of ≤16 Ω. Depending on the PCB design of the user and the S22
requirements, matching the output impedance to 100 Ω differential
may be desirable. To achieve a match looking towards the output
pins, place a pair of 43 Ω series resistors as close as possible to
the output pins (OPP1, OPM1, OPP2, and OPM2).
The installation of these 43 Ω resistors decreases the voltage level
of the signal by roughly 6 dB, and thus decreases the maximum
gain of the VGA to 12 dB. This loss of signal level is usually
acceptable because of the high linearity of the ADRF6521. That
is, the ADRF6521 can operate at twice the output signal level
(with respect to no matching resistors), and still maintain
−55 dBc IMD2 and IMD3 and HD2 and HD3 levels or better.
Note that when using series matching resistors, the output dc
offset voltage is also reduced by the same amount as the RF
signal level.
If a full 100 Ω match is not required and a greater than 12 dB
gain value is more important, the user can decrease the series
resistor value until an optimum trade-off between the gain and
the output match is found.
SINGLE-SUPPLY OPERATION
The ADRF6521 can operate on a 5 V single supply. Connect
VNEG to analog ground. The output common-mode voltage
defaults to 2.5 V in this configuration. The nominal range of
±200 mV still applies. A larger range is possible, however,
linearity performance degrades.
DUAL-SUPPLY OPERATION
Apply a nominal supply voltage of +2.5 V to the VPOS supply
pin, and −2.5 V to the VNEG supply pin. This setup yields a
nominal output common-mode voltage of 0 V, and the output
dc offset voltage moves above and below ground according to
what voltage is applied to the OFSx pins.
When using a dual supply, ensure the following supply
constraints:
4 V ≤ (VPOS − VNEG) ≤ 5 V.
VNEG ≤ COMM ≤ VPOS
VPOS ≥ 2.5 V
AVOIDING LATCH-UP
To avoid latch-up when the device is operational or when the
device is powering up, do not apply a voltage greater than the
following:
1.5 V (relative to ground) to the control pins (VGN, OFS1,
and OFS2).
(VVPOS + VVNEG)/2 ± 1 V to the control pin VOCM
If the RF input must be dc coupled, the common-mode voltage
must be the same as the VOCM pin voltage, which must be
limited to (VPOS + VNEG)/2 ± 0.2 V. If while powered down
and dc coupled a dc voltage with a magnitude greater than
(VPOS + VNEG)/2 ± 0.2 V is applied, this dc voltage must
return within the common-mode limit before powering up the
ADRF6521.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com