Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8442I Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS8442I
Description  700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL LVDS FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8442I Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS8442I Datasheet HTML 4Page - Integrated Circuit Systems ICS8442I Datasheet HTML 5Page - Integrated Circuit Systems ICS8442I Datasheet HTML 6Page - Integrated Circuit Systems ICS8442I Datasheet HTML 7Page - Integrated Circuit Systems ICS8442I Datasheet HTML 8Page - Integrated Circuit Systems ICS8442I Datasheet HTML 9Page - Integrated Circuit Systems ICS8442I Datasheet HTML 10Page - Integrated Circuit Systems ICS8442I Datasheet HTML 11Page - Integrated Circuit Systems ICS8442I Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8442AYI
www.icst.com/products/hiperclocks.html
REV. C MAY 10, 2005
8
Integrated
Circuit
Systems, Inc.
ICS8442I
700MHZ, CRYSTAL OSCILLATOR-TO-DIFFERENTIAL
LVDS FREQUENCY SYNTHESIZER
STORAGE AREA NETWORKS
A variety of technologies are used for interconnection of the
elements within a SAN. The tables below lists the common fre-
Table 8. Common SANs Application Frequencies
Table 9. Configuration Details for SANs Applications
APPLICATION INFORMATION
y
g
o
l
o
n
h
c
e
T
t
c
e
n
n
o
c
r
e
t
n
Ie
t
a
R
k
c
o
l
C
S
E
D
R
E
S
o
t
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
)
z
H
M
(
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
)
z
H
M
(
t
e
n
r
e
h
t
E
t
i
b
a
g
i
Gz
H
G
5
2
.
15
2
.
6
5
1
,
0
5
2
,
5
2
15
2
1
3
5
.
9
1
,
5
2
l
e
n
n
a
h
C
e
r
b
i
F
z
H
G
5
2
6
0
.
1
1
C
F
z
H
G
0
5
2
1
.
2
2
C
F
5
2
1
8
.
2
3
1
,
5
2
1
.
3
5
,
5
2
.
6
0
15
2
,
5
2
6
5
1
0
6
.
6
1
d
n
a
b
i
n
i
f
n
Iz
H
G
5
.
20
5
2
,
5
2
15
2
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS8442I provides sepa-
rate power supplies to isolate any high switching noise from
the outputs to the internal PLL. V
DD and V DDA,
should
be individually connected to the power supply plane through
vias, and bypass capacitors should be used for each pin. To
achieve optimum jitter performance, better power supply
isolation is required.
Figure 2 illustrates how a 10
Ω along
|with a 10
μF and a .01μF bypass capacitor should be
connected to each V
DDA pin.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 2. POWER SUPPLY FILTERING
10
Ω
V
DDA
10
μF
.01
μF
3.3V
.01
μF
V
DD
t
c
e
n
n
o
c
r
e
t
n
I
y
g
o
l
o
n
h
c
e
T
y
c
n
e
u
q
e
r
F
l
a
t
s
y
r
C
)
z
H
M
(
I
2
4
4
8
S
C
I
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
S
E
D
R
E
S
o
t
)
z
H
M
(
I
2
4
4
8
S
C
I
s
g
n
i
t
t
e
S
N
&
M
8
M7
M6
M5
M4
M3
M2
M1
M0
M1
N0
N
t
e
n
r
e
h
t
E
t
i
b
a
g
i
G
5
25
2
1
0000
1
0
1
00
1
0
5
20
5
2
0000
1
0
1
000
1
5
25
2
.
6
5
1
0000
11
00
11
0
5
2
1
3
5
.
9
15
2
.
6
5
1
000
1
00000
1
0
1
l
e
n
n
a
h
C
r
e
b
i
F
5
25
2
1
.
3
5
0000
1
000
111
5
25
2
.
6
0
1
0000
1
000
11
0
2
l
e
n
n
a
h
C
r
e
b
i
F5
2
6
5
1
0
6
.
6
15
2
1
8
.
2
3
1
000
1
00000
1
0
d
n
a
b
i
n
i
f
n
I
5
25
2
1
0000
1
0
1
00
1
0
5
20
5
2
0000
1
0
1
000
1
quencies used as well as the settings for the ICS8442I to gen-
erate the appropriate frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com