Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUCM3029BCBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADUCM3029BCBZ-R7
Description  Ultra Low Power Arm Cortex-M3 MCU with Integrated Power Management
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUCM3029BCBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADUCM3029BCBZ-R7 Datasheet HTML 19Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 20Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 21Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 22Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 23Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 24Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 25Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 26Page - Analog Devices ADUCM3029BCBZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Data Sheet
ADuCM3027/ADuCM3029
Rev. B | Page 23 of 39
MEMORY ARCHITECTURE
The internal memory of the ADuCM3027/ADuCM3029 is
shown in Figure 22. The internal memory incorporates up to
256 kB of embedded flash memory for program code and
nonvolatile data storage, 32 kB of data SRAM, and 32 kB of
SRAM (configured as instruction space or data space).
SRAM Region
This memory space contains the application instructions and
literal (constant) data that must be accessed in real-time. It
supports read/write access by the ARM Cortex-M3 core and
read/write DMA access by system peripherals. Byte, half-word,
and word accesses are supported.
SRAM is divided into 32 kB data SRAM and 32 kB instruction
SRAM. If instruction SRAM is not enabled, then the associated
32 kB can be mapped as data SRAM, resulting in 64 kB of data
SRAM.
Parity bit error detection (optional) is available on all SRAM
memories. Two parity bits are associated with each 32-bit word.
When the cache controller is enabled, 4 kB of the instruction
SRAM is reserved as cache memory.
Users can select the SRAM configuration modes depending on
the instruction SRAM and cache needed.
In hibernate mode, 8 kB to 32 kB of the SRAM can be retained
in increments of 8 kB. 8 kB of data SRAM is always retained.
Users can additionally retain
16 kB out of 32 kB of instruction SRAM
8 kB out of 32 kB of data SRAM
MMRs (Peripheral Control and Status)
For the address space containing MMRs, refer to Figure 22.
These registers provide control and status for on-chip
peripherals of the ADuCM3027/ADuCM3029. For more
information about the MMRs, refer to the ADuCM302x Ultra
Low Power ARM Cortex-M3 MCU with Integrated Power
Management Hardware Reference.
Flash Memory
The ADuCM3027/ADuCM3029 MCUs include 128 kB to
256 kB of embedded flash memory, which is accessed using a
flash controller. For memory available on each product, see
Table 1. The flash controller is coupled with a cache controller.
A prefetch mechanism is implemented in the flash controller to
optimize code performance.
Flash writes are supported by a key hole mechanism via
advanced peripheral bus (APB) writes to MMRs. The flash
controller provides support for DMA-based key hole writes.
With respect to flash integrity, the devices support the
following:
A fixed user key required for running protected
commands, including mass erase and page erase.
An optional and user definable user failure analysis key
(FAA key). Analog Devices personnel need this key while
performing failure analysis.
An optional and user definable write protection for user
accessible memory.
8-bit ECC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com