Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLPT9450LB_E Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PLPT9450LB_E
Description  Projection Professional LED & Laser
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLPT9450LB_E Datasheet(HTML) 1 Page - OSRAM GmbH

  PLPT9450LB_E Datasheet HTML 1Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 2Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 3Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 4Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 5Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 6Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 7Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 8Page - OSRAM GmbH PLPT9450LB_E Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PLPT9 450LB_E
1 Version 0.0 | 2021-07-08
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
PLPT9 450LB_E
Metal Can®
Blue Laser Diode in TO90 Package
—
—
Electronic Equipment
—
—
Projection Home LED & Laser
—
—
Projection Professional LED & Laser
—
—
Stage Lighting (LED & Laser)
Features:
—
—
Typical emission wavelength: 447 nm
—
—
Efficient radiation source for cw and pulsed operation
—
—
TO90 package
—
—
ESD protection diode
—
—
Laser diode isolated against package
Ordering Information
Type
Peak output power
Ordering Code
typ.
P
opt
PLPT9 450LB_E
5 W
Q65113A2224


Similar Part No. - PLPT9450LB_E

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLPT9450LB_EA01 OSRAM-PLPT9450LB_EA01 Datasheet
1Mb / 16P
Metal Can Blue Laser Diode in TO90 Package
Version 1.0 2023-02-16
More results

Similar Description - PLPT9450LB_E

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
PARA-SPL-40WDF-QHA-CW-U PARALIGHT-PARA-SPL-40WDF-QHA-CW-U Datasheet
252Kb / 9P
LED Projection Lamp
logo
OSRAM GmbH
LEBP2W OSRAM-LEBP2W Datasheet
1Mb / 20P
Projection
logo
Luminus, Inc
PT-40-TE LUMINUS-PT-40-TE Datasheet
2Mb / 14P
Thermally Enhanced LED Projection Chipset
PT-54-TE LUMINUS-PT-54-TE Datasheet
2Mb / 15P
Thermally Enhanced LED Projection Chipset
PT-120-TE LUMINUS-PT-120-TE Datasheet
1Mb / 16P
Luminus LED Thermally Enhanced LED Projection Chipset
PT-121-TE LUMINUS-PT-121-TE Datasheet
1Mb / 16P
Thermally Enhanced LED Projection Chipset
logo
OSRAM GmbH
PLPT5447KA OSRAM-PLPT5447KA Datasheet
1,023Kb / 13P
Projection Professional LED & Laser
PLPT5450KA OSRAM-PLPT5450KA Datasheet
1,011Kb / 13P
Projection Professional LED & Laser
PLPT9450LA_E OSRAM-PLPT9450LA_E Datasheet
984Kb / 13P
Projection Professional LED & Laser
logo
STMicroelectronics
STPP0100 STMICROELECTRONICS-STPP0100 Datasheet
98Kb / 9P
Laser pico projection specific image-processor
21-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com