Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83032AGI Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS83032AGI
Description  75MHZ, 3-RD OVERTONE OSCILLATOR W/DUAL LVCMOS/LVTTL OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83032AGI Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS83032AGI Datasheet HTML 1Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 2Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 3Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 4Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 5Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 6Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 7Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 8Page - Integrated Circuit Systems ICS83032AGI Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
83032AGI
www.icst.com/products/hiperclocks.html
REV. B FEBRUARY 13, 2006
4
Integrated
Circuit
Systems, Inc.
ICS83032I
75MHZ, 3RD OVERTONE OSCILLATOR
W
/DUAL LVCMOS/LVTTL OUTPUTS
PRELIMINARY
TABLE 6A. AC CHARACTERISTICS, V
DD = 3.3V±0.3V, T
A
= -40°C TO 85°C
TABLE 5. CRYSTAL CHARACTERISTICS (NOTE 1)
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
3 d
r
e
n
o
t
r
e
v
O
y
c
n
e
u
q
e
r
F
3
55
70
8z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
6
Ω
e
c
n
a
r
e
l
o
T
y
c
n
e
u
q
e
r
F
0
3
±m
p
p
g
n
i
t
a
r
e
p
O
r
e
v
O
y
t
il
i
b
a
t
S
y
c
n
e
u
q
e
r
F
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
0
3
±m
p
p
C
(
e
c
n
a
t
i
c
a
p
a
C
d
a
o
L
L
2
E
T
O
N
;
)
8
1F
p
C
(
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
O)
7F
p
s
r
a
e
Y
5
r
o
f
g
n
i
g
A
5
1
±m
p
p
l
e
v
e
L
e
v
i
r
D
1W
m
.
y
c
a
r
u
c
c
a
m
p
p
0
0
1
±
t
e
g
r
a
t
e
v
o
b
a
n
w
o
h
s
s
r
e
t
e
m
a
r
a
p
e
h
t
,
e
g
a
k
c
a
p
D
M
S
S
U
/
9
4
C
H
n
a
g
n
i
s
U
:
1
E
T
O
N
e
e
S
:
2
E
T
O
N
e
c
a
f
r
e
t
n
I
t
u
p
n
I
l
a
t
s
y
r
C
.
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
e
h
t
n
i
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
T
U
O
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
3
55
70
8z
H
M
t
)
Ø
(
t
ij
;
m
o
d
n
a
R
,
r
e
t
t
i
J
e
s
a
h
P
S
M
R
1
E
T
O
N
,
z
H
M
5
7
=
T
U
O
f
)
z
H
M
5
.
7
-
z
H
k
0
0
9
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
(
5
2
1
<s
f
t
J
D
2
E
T
O
N
;
r
e
t
t
i
J
c
i
t
s
i
n
i
m
r
e
t
e
D
2
.
0s
p
t
J
R
2
E
T
O
N
;
r
e
t
t
i
J
m
o
d
n
a
R
3s
p
t
S
M
R
(
n
o
i
t
u
b
i
r
t
s
i
D
l
a
t
o
T
f
o
S
M
R
σ ;)
2
E
T
O
N
3s
p
t
p
-
p
2
E
T
O
N
;
r
e
t
t
i
J
k
a
e
P
-
o
t
-
k
a
e
P
5
2s
p
t
c
c
a
(
r
e
t
t
i
J
d
e
t
a
l
u
m
u
c
c
A
σ ;)
2
E
T
O
N
s
e
l
c
y
c
0
0
0
0
5
o
t
2
=
n4
s
p
)
o
(
k
s
t4
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
5s
p
Δ f/
f
O
5
E
T
O
N
;
y
t
il
i
b
a
t
S
y
c
n
e
u
q
e
r
F
0
1
±m
p
p
t
C
S
O
e
m
i
T
p
U
t
r
a
t
S
n
o
i
t
a
ll
i
c
s
O
0
1s
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
3s
p
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
.
0
0
5
9
N
P
x
e
l
f
o
r
e
A
g
n
i
s
u
d
e
r
u
s
a
e
M
:
1
E
T
O
N
.
0
0
0
3
-
A
I
S
t
s
e
r
c
e
v
a
W
g
n
i
s
u
d
e
r
u
s
a
e
M
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
D
D
.
2
/
.
n
o
i
t
c
u
d
o
r
p
n
i
d
e
t
s
e
t
t
o
N
.
n
o
i
t
a
z
i
r
e
t
c
a
r
a
h
c
y
b
d
e
e
t
n
a
r
a
u
g
e
r
a
s
r
e
t
e
m
a
r
a
p
e
s
e
h
T
:
4
E
T
O
N
e
h
t
m
o
r
f
r
o
r
r
e
g
n
i
m
i
t
y
c
n
e
u
q
e
r
f
e
h
t
o
t
d
e
d
d
a
e
b
t
s
u
m
d
n
a
r
o
t
a
ll
i
c
s
o
e
h
t
y
b
d
e
t
u
b
i
r
t
n
o
c
r
o
r
r
e
y
c
n
e
u
q
e
r
f
e
h
t
s
i
s
i
h
T
:
5
E
T
O
N
e
e
S
.
y
t
il
i
b
a
t
s
y
c
n
e
u
q
e
r
f
l
a
t
o
t
e
h
t
n
i
a
t
b
o
o
t
l
a
t
s
y
r
c
y
t
il
i
b
a
t
S
y
c
n
e
u
q
e
r
F
.
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
n
o
i
t
a
c
il
p
p
A
e
h
t
n
i



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com