Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPLDS90A Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SPLDS90A
Description  Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SPLDS90A Datasheet(HTML) 4 Page - OSRAM GmbH

  SPLDS90A_3 Datasheet HTML 1Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 2Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 3Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 4Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 5Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 6Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 7Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 8Page - OSRAM GmbH SPLDS90A_3 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPL DS90A_3
4 Version 1.4 | 2021-06-30
Relative Spectral Emission 4), 5)
I
e,rel = f (λ); IF = 40 A; Popt = 125 W
Far-Field Distribution Parallel to pn-Junction 4), 5)
I
e,rel = f (ΘII); Popt = 125 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com