Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83052AGI Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS83052AGI
Description  2:1, SINGLE-ENDED MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83052AGI Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS83052AGI Datasheet HTML 3Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 4Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 5Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 6Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 7Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 8Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 9Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 10Page - Integrated Circuit Systems ICS83052AGI Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Integrated
Circuit
Systems, Inc.
83052AGI
www.icst.com/products/hiperclocks.html
REV. A AUGUST 2, 2005
8
ICS83052I
2:1, SINGLE-ENDED MULTIPLEXER
PARAMETER MEASUREMENT INFORMATION
SCOPE
Qx
LVCMOS
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.4±5%
V
DDO
-0.9V±5%
V
DD
0.9V±5%
SCOPE
Qx
LVCMOS
2.5V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
2.05V±5%
V
DDO
-1.25V±5%
V
DD
1.25V±5%
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
3.3V CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
2.5 CORE/1.8V OUTPUT LOAD AC TEST CIRCUIT
PART-TO-PART SKEW
SCOPE
Qx
LVCMOS
1.25V±5%
-1.25V±5%
SCOPE
Qx
LVCMOS
1.6V±5%
V
DDO
-0.9V±5%
V
DD
0.9V±5%
V
DD,
V
DDO
GND
V
DD,
V
DDO
GND
GND
GND
GND
tsk(pp)
V
DDO
2
V
DDO
2
Qy
Qx
Part 1
Part 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com