Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8521I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8521I
Description  LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8521I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8521I Datasheet HTML 1Page - Integrated Circuit Systems ICS8521I Datasheet HTML 2Page - Integrated Circuit Systems ICS8521I Datasheet HTML 3Page - Integrated Circuit Systems ICS8521I Datasheet HTML 4Page - Integrated Circuit Systems ICS8521I Datasheet HTML 5Page - Integrated Circuit Systems ICS8521I Datasheet HTML 6Page - Integrated Circuit Systems ICS8521I Datasheet HTML 7Page - Integrated Circuit Systems ICS8521I Datasheet HTML 8Page - Integrated Circuit Systems ICS8521I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
ICS8521I
LOW SKEW, 1-TO-9
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
8521BYI
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 17, 2005
1
PRELIMINARY
GENERAL DESCRIPTION
The ICS8521I is a low skew, 1-to-9 Differential-
to-HSTL Fanout Buffer and a member of the
HiPerClockS™family of High Performance Clock
Solutions from ICS. The ICS8521I has two se-
lectable clock inputs. The CLK, nCLK pair can
accept most standard differential input levels. The PCLK,
nPCLK pair can accept LVPECL, CML, or SSTL input levels.
The clock enable is internally synchronized to eliminate runt
pulses on the outputs during asynchronous asser tion/
deassertion of the clock enable pin.
Guaranteed output skew, part-to-part skew and crossover
voltage characteristics make the ICS8521I ideal for today’s
most advanced applications, such as IA64 and static RAMs.
HiPerClockS™
ICS
FEATURES
• Nine HSTL outputs
• Selectable differential CLK, nCLK or LVPECL clock inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, HSTL, SSTL, HCSL
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• Maximum output frequency: 500MHz
• Output skew: 25ps (typical)
• Part-to-part skew: 200ps (typical)
• Propagation delay: 1.3ns (typical)
• V
OH = 1.4V (maximum)
• 3.3V core, 1.8V output operating supply voltages
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS
compliant packages
BLOCK DIAGRAM
PIN ASSIGNMENT
32 3 1 30 29 28 27 26 25
9 10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
VDDO
Q3
nQ3
Q4
nQ4
Q5
nQ5
VDDO
ICS8521I
VDD
CLK
nCLK
CLK_SEL
PCLK
nPCLK
GND
CLK_EN
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Package
Top View
CLK
nCLK
PCLK
nPCLK
Q0
nQ0
Q1
nQ1
Q2
nQ2
Q3
nQ3
Q4
nQ4
Q5
nQ5
Q6
nQ6
Q7
nQ7
Q8
nQ8
D
Q
LE
CLK_EN
CLK_SEL
0
1
The Preliminary Information presented herein represents a product in prototyping or pre-production. The noted characteristics are based on initial
product characterization. Integrated Circuit Systems, Incorporated (ICS) reserves the right to change any circuitry or specifications without notice.


Similar Part No. - ICS8521I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8521I-03 ICST-ICS8521I-03 Datasheet
135Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. A APRIL 29, 2003
logo
Renesas Technology Corp
ICS8521I-03 RENESAS-ICS8521I-03 Datasheet
474Kb / 18P
Low Skew, 1-to-9 Differential-to-LVHSTL Fanout Buffer
JUNE, 20, 2016
More results

Similar Description - ICS8521I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8524 IDT-ICS8524 Datasheet
203Kb / 17P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com