Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83841 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS83841
Description  20 BIT, DDR SDRAM 2:1 MUX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83841 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS83841 Datasheet HTML 1Page - Integrated Circuit Systems ICS83841 Datasheet HTML 2Page - Integrated Circuit Systems ICS83841 Datasheet HTML 3Page - Integrated Circuit Systems ICS83841 Datasheet HTML 4Page - Integrated Circuit Systems ICS83841 Datasheet HTML 5Page - Integrated Circuit Systems ICS83841 Datasheet HTML 6Page - Integrated Circuit Systems ICS83841 Datasheet HTML 7Page - Integrated Circuit Systems ICS83841 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
83841BH
www.icst.com/products/hiperclocks.html
REV. A JANUARY 20, 2006
5
Integrated
Circuit
Systems, Inc.
ICS83841
20 BIT, DDR SDRAM 2:1 MUX
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS83841 is: 261
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR A 72-BALL TFBGA
θθθθθ
JA by Velocity (Millimeter Feet per Second)
01
2
Two-Layer PCB, JEDEC Standard Test Boards
50.04°C/W
43.18°C/W
41.17°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com