Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83905I Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS83905I
Description  LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83905I Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS83905I Datasheet HTML 1Page - Integrated Circuit Systems ICS83905I Datasheet HTML 2Page - Integrated Circuit Systems ICS83905I Datasheet HTML 3Page - Integrated Circuit Systems ICS83905I Datasheet HTML 4Page - Integrated Circuit Systems ICS83905I Datasheet HTML 5Page - Integrated Circuit Systems ICS83905I Datasheet HTML 6Page - Integrated Circuit Systems ICS83905I Datasheet HTML 7Page - Integrated Circuit Systems ICS83905I Datasheet HTML 8Page - Integrated Circuit Systems ICS83905I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
83905AGI
http://www.icst.com/products/hiperclocks.html
REV. B MAY 16, 2005
2
Integrated
Circuit
Systems, Inc.
ICS83905I
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO-
LVCMOS / LVTTL FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. OUTPUT ENABLE AND CLOCK ENABLE FUNCTION TABLE
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1T
U
O
_
L
A
T
Xt
u
p
t
u
O.
t
u
p
t
u
o
e
h
t
s
i
T
U
O
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
5
1
,
21
E
L
B
A
N
E
,
2
E
L
B
A
N
Et
u
p
n
I
.
3
e
l
b
a
T
e
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
e
l
b
a
n
e
k
c
o
l
C
1
1
,
7
,
3D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
,
8
,
6
,
4
4
1
,
2
1
,
0
1
,
2
K
L
C
B
,
1
K
L
C
B
,
0
K
L
C
B
5
K
L
C
B
,
4
K
L
C
B
,
3
K
L
C
B
t
u
p
t
u
O.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
C
3
1
,
5V
O
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
9V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
6
1N
I
_
L
A
T
Xt
u
p
n
I.
t
u
p
n
i
e
h
t
s
i
N
I
_
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
s
t
u
p
n
I
l
o
r
t
n
o
Cs
t
u
p
t
u
O
1
E
L
B
A
N
E2
E
L
B
A
N
E4
K
L
C
B
:
0
K
L
C
B5
K
L
C
B
00
W
O
LW
O
L
01
W
O
Lg
n
il
g
g
o
T
10
g
n
il
g
g
o
TW
O
L
11
g
n
il
g
g
o
Tg
n
il
g
g
o
T
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
)
t
u
p
t
u
o
r
e
p
(
V
O
D
D
V
5
6
4
.
3
=9
1F
p
V
O
D
D
V
5
2
6
.
2
=8
1F
p
V
O
D
D
V
2
=6
1F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
V
O
D
D
%
5
±
V
3
.
3
=7
Ω
V
O
D
D
%
5
±
V
5
.
2
=7
Ω
V
O
D
D
V
2
.
0
±
V
8
.
1
=0
1
Ω
BCLK5
BCLK0:4
ENABLE2
ENABLE1
FIGURE 1. ENABLE TIMING DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com