Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83940DY Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS83940DY
Description  LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83940DY Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS83940DY Datasheet HTML 1Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 2Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 3Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 4Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 5Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 6Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 7Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 8Page - Integrated Circuit Systems ICS83940DY Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
83940DY
www.icst.com/products/hiperclocks.html
REV. B JUNE 15, 2004
1
Integrated
Circuit
Systems, Inc.
ICS83940D
LOW SKEW, 1-TO-18
LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
GENERAL DESCRIPTION
The ICS83940D is a low skew, 1-to-18 LVPECL-
to-LVCMOS/LVTTL Fanout Buffer and a member
of the HiPerClockS™family of High Performance
Clock Solutions from ICS. The ICS83940D has
two selectable clock inputs. The PCLK, nPCLK
pair can accept LVPECL, CML, or SSTL input levels. The
LVCMOS_CLK can accept LVCMOS or LVTTL input levels.
The low impedance LVCMOS/LVTTL outputs are designed to
drive 50
Ω series or parallel terminated transmission lines.
The ICS83940D is characterized at full 3.3V and 2.5V or mixed
3.3V core, 2.5V output operating supply modes. Guaranteed
output and par t-to-par t skew characteristics make the
ICS83940D ideal for those clock distribution applications
demanding well defined performance and repeatability.
BLOCK DIAGRAM
PIN ASSIGNMENT
FEATURES
• 18 LVCMOS/LVTTL outputs
• Selectable LVCMOS_CLK or LVPECL clock inputs
• PCLK, nPCLK supports the following input types:
LVPECL, CML, SSTL
• LVCMOS_CLK accepts the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 250MHz
• Output skew: 150ps (maximum)
• Part to part skew: 750ps (maximum)
• Additive phase jitter, RMS: < 0.03ps (typical)
• Full 3.3V and 2.5V or mixed 3.3V core, 2.5V output
supply modes
• 0°C to 70°C ambient operating temperature
• Lead-Free package available
• Pin compatible with the MPC940L
HiPerClockS™
ICS
32-Lead LQFP
7mm x 7mm x 1.4mm package body
Y Pacakge
Top View
Q0:Q17
CLK_SEL
PCLK
nPCLK
LVCMOS_CLK
0
1
32 31 30 29 28 27 26 25
9
10 11 12 13 14 15 16
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Q6
Q7
Q8
VDD
Q9
Q10
Q11
GND
GND
GND
LVCMOS_CLK
CLK_SEL
PCLK
nPCLK
VDD
VDDO
ICS83940D
18


Similar Part No. - ICS83940DY

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS83940DYI ICST-ICS83940DYI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
ICS83940DYI-01 ICST-ICS83940DYI-01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940DYI-01LF ICST-ICS83940DYI-01LF Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940DYI-01LFT ICST-ICS83940DYI-01LFT Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940DYI-01T ICST-ICS83940DYI-01T Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
More results

Similar Description - ICS83940DY

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C48535-01 PERICOM-PI6C48535-01 Datasheet
347Kb / 5P
3.3V Low Skew 1-to-4 LVTTL/LVCMOS to LVPECL Fanout Buffer
logo
Integrated Circuit Syst...
ICS83940I-01 ICST-ICS83940I-01 Datasheet
262Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A MARCH 1, 2004
ICS83940DI ICST-ICS83940DI Datasheet
112Kb / 13P
LOW SKEW, 1-TO-18 LVPECL-TO-LVCMOS / LVTTL FANOUT BUFFER
REV. A DECEMBER 12, 2002
logo
Integrated Device Techn...
ICS83940DI IDT-ICS83940DI_16 Datasheet
237Kb / 19P
Low Skew, 1-to18 LVPECL-to-LVCMOS/LVTTL Fanout Buffer
83940-01 IDT-83940-01 Datasheet
190Kb / 15P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
83940I-01 IDT-83940I-01 Datasheet
221Kb / 19P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
logo
Renesas Technology Corp
83940-01 RENESAS-83940-01 Datasheet
399Kb / 16P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
NOVEMBER 4, 2014
83940D RENESAS-83940D Datasheet
428Kb / 17P
Low Skew, 1-to-18 LVPECL-TO-LVCMOS / LVTTL Fanout Buffer
REVISION B 3/25/15
ICS83940I-01 RENESAS-ICS83940I-01 Datasheet
418Kb / 20P
Low Skew, 1-to-18 LVPECL-to-LVCMOS/LVTTL Fanout
Rev A 3/27/15
ICS83940DI RENESAS-ICS83940DI Datasheet
582Kb / 17P
Low Skew, 1 to 18 LVPECL to LVCMOS/LVTTL Fanout Buffer
January 7, 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com