Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSP-2AA-C/E Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # WSP-2AA-C/E
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WSP-2AA-C/E Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  WSP-2AA-C/E Datasheet HTML 1Page - M-System Co.,Ltd. WSP-2AA-C/E Datasheet HTML 2Page - M-System Co.,Ltd. WSP-2AA-C/E Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MODEL: WSP
WSP SPECIFICATIONS
ES-2256 Rev.8 Page 2/3
http://www.m-system.co.jp/
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output 1 to output 2 to power
Overrange output: Approx. 0 to 120 % at 1 – 5V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
Adjustable individually for each output 1 and output 2.
Low-end cutout: 2 to 5 %
■ DISPLAY (LCD meter)
• Option code: /E
LCD digital display: 0.0 - 100.0 % (min. digit 0.1 %)
(No scaling)
INPUT SPECIFICATIONS
Frequency range: 0 – 50 Hz through 10 kHz
Pulse width (time) requirement: Duty ratio 20 – 80 % at 100
% input
■ Dry Contact: Mechanical contact or open collector
Sensing: Approx. 7.5 V DC @1 mA
ON/OFF level: ≤ 200 Ω / 0.6 V for ON, ≥ 100 kΩ / 2 V for OFF
■ Voltage Pulse: Square or sine waveforms
Input pulse sensing: Capacitor coupled; detecting pulse rise
Input amplitude: 2 – 50 Vp-p
Input impedance: 100 kΩ min.
OUTPUT SPECIFICATIONS
■ DC Current: 0 – 20 mA DC
Minimum span: 1 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 12 V max. for Output 1;
7 V max. for Output 2
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V
INSTALLATION
Power input
•AC: Operational voltage range: rating ±10 %,
50/60 ±2 Hz, approx. 3 VA
•DC: Operational voltage range: rating ±10 %, or 85 – 150 V
for 110 V rating (ripple 10 % p-p max.)
approx. 2.5 W (100 mA at 24 V)
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 400 g (0.88 lb)
PERFORMANCE in percentage of span
Accuracy: ± 0.3 % (output 10 – 100 %)
Display accuracy: ±(0.3 % of FS + 1 digit)
(Output 10 – 100 %)
Temp. coefficient: ±0.015 %/°C (±0.008 %/°F)
Response time: (0 – 90 %)
Approx. 2 sec. for 0 – 50 Hz
Approx. 1 sec. for 0 – 100 Hz
Approx. 0.5 sec. for 0 – 500 Hz
Approx. 0.5 sec. for 0 – 10 kHz
Ripple: 0.2 %p-p max. with input ≥ 10 %
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute
(input to output to power to ground)
1000 V AC @ 1 minute (output 1 to output 2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com