Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSP-1BA-C/E Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # WSP-1BA-C/E
Description  Dual Output Plug-in Signal Conditioners W-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

WSP-1BA-C/E Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  WSP-1BA-C/E Datasheet HTML 1Page - M-System Co.,Ltd. WSP-1BA-C/E Datasheet HTML 2Page - M-System Co.,Ltd. WSP-1BA-C/E Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: WSP
WSP SPECIFICATIONS
ES-2256 Rev.8 Page 1/3
http://www.m-system.co.jp/
Dual Output Plug-in Signal Conditioners W-UNIT
LOW FREQUENCY TRANSMITTER
(50 Hz minimum)
Functions & Features
• Converting the output from a pulse-type transducer into
standard process signal
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Positive displacement flowmeters, turbine flowmeters and
vortex flowmeters
• Proximity switches
50
(1.97)
136
(5.35)
80
(3.15)
mm (inch)
MODEL: WSP–[1][2][3]–[4][5]
ORDERING INFORMATION
• Code number: WSP-[1][2][3]-[4][5]
Specify a code from below for each [1] through [5].
(e.g. WSP-2A6-B/E/Q)
• Frequency range (e.g. 0 – 10 kHz)
• Special output ranges (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
Note: When the user requires a current and a voltage
output, specify the current to be the Output 1 which allows
a greater load.
[1] INPUT
1: Dry contact
2: Voltage pulse
[2] OUTPUT 1
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
B: 2 – 10 mA DC (Load resistance 1200 Ω max.)
C: 1 – 5 mA DC (Load resistance 2400 Ω max.)
D: 0 – 20 mA DC (Load resistance 600 Ω max.)
E: 0 – 16 mA DC (Load resistance 750 Ω max.)
F: 0 – 10 mA DC (Load resistance 1200 Ω max.)
G: 0 – 1 mA DC (Load resistance 12 kΩ max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[3] OUTPUT 2
Current
A: 4 – 20 mA DC (Load resistance 350 Ω max.)
B: 2 – 10 mA DC (Load resistance 700 Ω max.)
C: 1 – 5 mA DC (Load resistance 1400 Ω max.)
D: 0 – 20 mA DC (Load resistance 350 Ω max.)
E: 0 – 16 mA DC(Load resistance 430 Ω max.)
F: 0 – 10 mA DC (Load resistance 700 Ω max.)
G: 0 – 1 mA DC (Load resistance 7000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
Same range availability as Output 1
[4] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
V: 48 V DC
P: 110 V DC
[5] OPTIONS (multiple selections)
LCD Meter (after low-end cutout)
blank: Without
/E: With (0.0 - 100.0 % display)
Other Options
blank: none
/Q: Option other than the above (specify the specification)


Similar Part No. - WSP-1BA-C/E

ManufacturerPart #DatasheetDescription
logo
Soberton Inc.
WSP-307008 SOBERTON-WSP-307008 Datasheet
418Kb / 1P
Waterproof Speaker
WSP-307008 SOBERTON-WSP-307008 Datasheet
548Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-307008 SOBERTON-WSP-307008_18 Datasheet
548Kb / 1P
WSP WATER RESISTANT SPEAKER
WSP-417108 SOBERTON-WSP-417108 Datasheet
339Kb / 1P
Waterproof Speaker
WSP-417108 SOBERTON-WSP-417108 Datasheet
539Kb / 1P
WSP WATER RESISTANT SPEAKER
More results

Similar Description - WSP-1BA-C/E

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
WDY MSYSTEM-WDY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WDNY MSYSTEM-WDNY Datasheet
110Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WCT MSYSTEM-WCT Datasheet
115Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WRS MSYSTEM-WRS Datasheet
105Kb / 3P
Dual Output Plug-in Signal Conditioners W-UNIT
WRPPB MSYSTEM-WRPPB Datasheet
156Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WJV MSYSTEM-WJV Datasheet
110Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJPA MSYSTEM-WJPA Datasheet
111Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
WJFT MSYSTEM-WJFT Datasheet
194Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WYPD MSYSTEM-WYPD Datasheet
142Kb / 6P
Dual Output Plug-in Signal Conditioners W-UNIT
WVS MSYSTEM-WVS Datasheet
114Kb / 4P
Dual Output Plug-in Signal Conditioners W-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com