Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS84025EM Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS84025EM
Description  CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS84025EM Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS84025EM Datasheet HTML 3Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 4Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 5Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 6Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 7Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 8Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 9Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 10Page - Integrated Circuit Systems ICS84025EM Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
84025EM
www.icst.com/products/hiperclocks.html
REV. A APRIL 16, 2003
7
Integrated
Circuit
Systems, Inc.
ICS84025
CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER WITH FANOUT BUFFER
PRELIMINARY
APPLICATION INFORMATION
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS84025 provides sepa-
rate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
DD, VDDA, and VDDO
should be individually connected to the power supply
plane through vias, and bypass capacitors should be
used for each pin. To achieve optimum jitter performance,
power supply isolation is required.
Figure 2 illustrates how
a 24
Ω resistor along with a 10µF and a .01µF bypass
capacitor should be connected to each V
DDA pin.
FIGURE 2. POWER SUPPLY FILTERING
24
Ω
V
DDA
10
µF
.01
µF
3.3V
.01
µF
V
DD
Figure 3. CRYSTAL INPUt INTERFACE
CRYSTAL INPUT INTERFACE
A crystal can be characterized for either series or parallel
mode operation. The ICS84025 has a built-in crystal oscillator
circuit. This interface can accept either a series or parallel
crystal without additional components and generate
POWER SUPPLY FILTERING TECHNIQUES
frequencies with accuracy suitable for most applications.
Additional accuracy can be achieved by adding two small
capacitors C1 and C2 as shown in
Figure 3.
C2
22pF
C1
18pF
25MHz
X1
ICS84025
20
21
XTAL2
XTAL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com