Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX20006 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX20006
Description  External Frequency Synchronization (SYNC) Input
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20006 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX20006 Datasheet HTML 1Page - Maxim Integrated Products MAX20006 Datasheet HTML 2Page - Maxim Integrated Products MAX20006 Datasheet HTML 3Page - Maxim Integrated Products MAX20006 Datasheet HTML 4Page - Maxim Integrated Products MAX20006 Datasheet HTML 5Page - Maxim Integrated Products MAX20006 Datasheet HTML 6Page - Maxim Integrated Products MAX20006 Datasheet HTML 7Page - Maxim Integrated Products MAX20006 Datasheet HTML 8Page - Maxim Integrated Products MAX20006 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluate: MAX20004/MAX20006/MAX20008
MAX20006/MAX20008
Evaluation Kits
Detailed Description of Hardware
The MAX20006/MAX20008 EV kits come fully assembled
and tested. The MAX20006EVKIT is populated with
the MAX20006AFOA/VY+, and the MAX20008EVKIT is
populated with the MAX20008AFOA/VY+. Other
converters in the family can be tested on the same EV
kit; however, changing the IC or the output voltage may
also require changing other components. Consult the IC
data sheet for guidance on selecting the proper ICs and
external components.
Enable (EN)
Place a shunt in the 2-3 position on jumper JU1 to enable
the IC for normal operation. To place the device into shut-
down mode, move the shunt on JU1 to the 2-1 position.
Synchronization and Switching
The IC has the ability to operate in either forced-
PWM mode or in SKIP mode. Place a shunt in the 2-1
position on JU2 to select forced-PWM mode at the
resistor-programmed frequency. Removing the shunt from
JU2 or placing a shunt in the 2-3 position on jumper JU2
causes the IC to enter SKIP mode for maximum light load
efficiency. With a shunt in the 2-3 position on jumper JU2,
the switching frequency can be synchronized to an appro-
priate external signal applied to the SYNC input terminal.
Setting the Switching Frequency (FOSC)
The IC switching frequency is set by a resistor connected
from FOSC to AGND. Refer to the IC data sheet for
selecting the resistor value.
RESET Output
The EV kit provides a RESET output to monitor the status
of the device output. The RESET output is an open-drain
output from the IC with an external pullup resistor to
VOUT on the EV kits. Refer to the IC data sheet for details
on the RESET functionality.
Output Voltage Setting
Populating R9 with a 0Ω jumper connects FB to BIAS for
a fixed +5V (EV kit default output) or a fixed +3.3V output
voltage depending on the IC version. To set the output to
other voltages between 1V and 10V, remove R9, populate
R1 with a 0Ω jumper, and populate R7/R8/C14 with the
appropriate values. Other component modifications might
also be required. Refer to the IC data sheet for details on
setting the output voltage.
Table 1. Enable Control (JU1)
Table 2. Operating Mode Control (JU2)
*Default configuration.
*Default configuration.
#Denotes RoHS compliant.
SHUNT
POSITION
EN PIN
VOUT
2-3*
EN tied to VSUP
Enabled
2-1
EN tied to GND
Disabled
SHUNT
POSITION
SYNC PIN
MODE
2-1*
SYNC tied to
BIAS
Forced PWM
2-3
SYNC pulled to
GND with R2
SKIP or
external SYNC
PART
TYPE
MAX20006EVKIT#
EV Kit
MAX20008EVKIT#
EV Kit
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com