Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC-830 Datasheet(PDF) 3 Page - Microchip Technology

Part # VC-830
Description  LVPECL, LVDS Crystal Oscillator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

VC-830 Datasheet(HTML) 3 Page - Microchip Technology

  VC-830 Datasheet HTML 1Page - Microchip Technology VC-830 Datasheet HTML 2Page - Microchip Technology VC-830 Datasheet HTML 3Page - Microchip Technology VC-830 Datasheet HTML 4Page - Microchip Technology VC-830 Datasheet HTML 5Page - Microchip Technology VC-830 Datasheet HTML 6Page - Microchip Technology VC-830 Datasheet HTML 7Page - Microchip Technology VC-830 Datasheet HTML 8Page - Microchip Technology VC-830 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2021 Microchip Technology Inc.
DS20006510B-page 3
VC-830
FIGURE 1-1:
Test Circuit.
FIGURE 1-2:
Output Rise/Fall Time.
Output Rise and Fall Time (Note 3)
tr/tf
400
ps
Note 4
Load
50Ω into VDD – 2.0V
Duty Cycle (Note 5)
DC
45
55
%
Phase Noise, 3.3V, 156.25 MHz
(Note 6)
ɸN
–79
dBc/Hz
10 Hz
–110
100 Hz
–130
1 kHz
–154
10 kHz
–160
100 kHz
–163
1 MHz
–163
10 MHz
–167
20 MHz
Phase Jitter, 156.25 MHz,
12 kHz to 20 MHz (Note 6)
ɸJ
40
60
fs
Enable/Disable
Outputs Enabled (Note 7)
VIH
0.7 * VDD
V
Outputs Disabled
VIL
0.3 * VDD
V
Disable Time
tD
200
ns
E/D Pull-Up Resistance (Note 8)
0.5
2
M
E/D = GND
E/D Pull-Up Resistance
30
150
E/D = VDD
Start-Up Time
tSU
10
ms
Operating Temperature
TOP
–10
70
°C
Ordering Option
–40
85
–40
105
ELECTRICAL CHARACTERISTICS, LVPECL OPTION (CONTINUED)
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: The VC-830 power supply should be filtered. For example, a 10 µF, 0.1 µF, and 0.01 µF capacitor.
2: Includes calibration tolerance, operating temperature, supply voltage variations, aging, and IR reflow.
3: Figure 1-1 defines the test circuit and Figure 1-2 defines these parameters.
4: Output rise and fall time will be 600 ps (max.) for –40°C to +105°C operating temperature range.
5: Duty Cycle is measured as On/Time Period.
6: Measured using an Agilent E5052 Signal Source Analyzer at 25°C.
7: Outputs will be enabled if Enable/Disable is left open. There is an oscillation detection circuit that ensures
glitch free output upon power-up or enable.
8: In order to reduce current, the pull-up resistance is higher when VDD is set to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com