Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840002AGILF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS840002AGILF
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840002AGILF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS840002AGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 9Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 10Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 11Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 12Page - Integrated Circuit Systems ICS840002AGILF Datasheet HTML 13Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Integrated
Circuit
Systems, Inc.
840002AGI
www.icst.com/products/hiperclocks.html
REV. A MARCH 10, 2005
10
ICS840002I
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
LAYOUT GUIDELINE
Figure 3 shows a schematic example of the ICS840002I. An
example of LVCMOS termination is shown in this schematic.
Additional LVCMOS termination approaches are shown in the
LVCMOS Termination Application Note. In this example, an 18
pF parallel resonant 26.5625MHz crystal is used. The C1=22pF
FIGURE 3. ICS840002I SCHEMATIC EXAMPLE
and C2=22pF are recommended for frequency accuracy. For
different board layout, the C1 and C2 may be slightly adjusted
for optimizing frequency accuracy. 1K
Ω pullup or pulldown re-
sistors can be used for the logic control input pins.
XTAL1
Optional Termination
RD1
Not Install
RU1
1K
VDD
C4
0.01u
If not using the crystal input, it can be left floating.
For additional protection the XTAL_IN pin can be
tied to ground.
Zo = 50 Ohm
LVCMOS
Set Logic
Input to
'0'
Unused output can be left floating. There should
no trace attached to unused output. Device
characterized with all outputs terminated.
R1
10
R4
100
To Logic
Input
pins
Set Logic
Input to
'1'
Logic Control Input Examples
R2
33
C6
0.1u
VDDA
C2
22pF
To Logic
Input
pins
Zo = 50 Ohm
X1
VDD
RD2
1K
C5
0.1u
C3
10uF
VDD
R3
100
VDD
LVCMOS
XTAL2
U1
ICS840002i
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
FSEL0
XTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
VDD
XTAL_OUT
XTAL_IN
VDDO
Q1
Q0
GND
GND
FSEL1
RU2
Not Install
VDD
C1
22pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com