Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS840014I Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICS840014I
Description  FEMTOCLOCKS??CRYSTAL-TO LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS840014I Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICS840014I Datasheet HTML 3Page - Integrated Circuit Systems ICS840014I Datasheet HTML 4Page - Integrated Circuit Systems ICS840014I Datasheet HTML 5Page - Integrated Circuit Systems ICS840014I Datasheet HTML 6Page - Integrated Circuit Systems ICS840014I Datasheet HTML 7Page - Integrated Circuit Systems ICS840014I Datasheet HTML 8Page - Integrated Circuit Systems ICS840014I Datasheet HTML 9Page - Integrated Circuit Systems ICS840014I Datasheet HTML 10Page - Integrated Circuit Systems ICS840014I Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Integrated
Circuit
Systems, Inc.
840014AGI
www.icst.com/products/hiperclocks.html
REV. A DECEMBER 23, 2004
9
ICS840014I
FEMTOCLOCKS™CRYSTAL-TO-
LVCMOS/LVTTL FREQUENCY SYNTHESIZER
PRELIMINARY
RELIABILITY INFORMATION
TRANSISTOR COUNT
The transistor count for ICS840014I is: 3085
TABLE 6.
θ
JA
VS
. AIR FLOW TABLE FOR 20 LEAD TSSOP
θθθθθ
JA by Velocity (Linear Feet per Minute)
0
200
500
Single-Layer PCB, JEDEC Standard Test Boards
114.5°C/W
98.0°C/W
88.0°C/W
Multi-Layer PCB, JEDEC Standard Test Boards
73.2°C/W
66.6°C/W
63.5°C/W
NOTE: Most modern PCB designs use multi-layered boards. The data in the second row pertains to most designs.
LAYOUT GUIDELINE
Figure 3 shows a schematic example of the ICS840014I. An
example of LVCMOS termination is shown in this schematic.
Additional LVCMOS termination approaches are shown in
the LVCMOS Termination Application Note. In this example,
an 18pF parallel resonant 26.5625MHz crystal is used. The
FIGURE 3. ICS840014I SCHEMATIC EXAMPLE
C1=22pF and C2=22pF are recommended for frequency ac-
curacy. For different board layout, the C1 and C2 may be
slightly adjusted for optimizing frequency accuracy. 1K
Ω
pullup or pulldown resistors can be used for the logic control
input pins.
C1
22pF
Logic Control Input Examples
RU2
Not Install
3.3V
Set Logic
Input to
'1'
3.3V
C4
0.01u
To Logic
Input
pins
C5
0.1u
U1
ICS840014
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
F_SEL
nc
nXTAL_SEL
TEST_CLK
OE
MR
nPLL_SEL
VDDA
nc
VDD
XTAL_OUT
XTAL_IN
GND
Q3
Q2
VDDO
nc
GND
Q0
Q1
R4
36
C2
22pF
Zo = 50 Ohm
LVCMOS
3.3V
C6
0.1u
R3
36
VDDA
XTAL_OUT
3.3V
RD1
Not Install
C3
10uF
RU1
1K
RD2
1K
Zo = 50 Ohm
To Logic
Input
pins
LVCMOS
R2
10
3.3V
X1
XTAL_IN
Set Logic
Input to
'0'
ICS80014I



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com