Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5211AI01 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # 5211AI01
Description  LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

5211AI01 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  5211AI01 Datasheet HTML 1Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 2Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 3Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 4Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 5Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 6Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 7Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 8Page - Integrated Circuit Systems 5211AI01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
85211AMI-01
www.icst.com/products/hiperclocks.html
REV. A NOVEMBER 1, 2005
1
Integrated
Circuit
Systems, Inc.
ICS85211I-01
LOW SKEW, 1-TO-2
DIFFERENTIAL-TO-HSTL FANOUT BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
GENERAL DESCRIPTION
The ICS85211I-01 is a low skew, high perfor-
mance 1-to-2 Differential-to-HSTL Fanout Buffer
and a member of the HiPerClockS™ family of
High Performance Clock Solutions from ICS.
The CLK, nCLK pair can accept most standard
differential input levels.The ICS85211I-01 is characterized to
operate from a 3.3V power supply. Guaranteed output and
par t-to-part skew characteristics make the ICS85211I-01
ideal for those clock distribution applications demanding
well defined perfor mance and repeatability. For optimal
performance, terminate all outputs.
FEATURES
• Two differential HSTL compatible outputs
• One differential CLK, nCLK input pair
• CLK, nCLK pair can accept the following differential
input levels: LVDS, LVPECL, HSTL, SSTL, HCSL
• Maximum output frequency: 700MHz
• Translates any single-ended input signal to HSTL
levels with resistor bias on nCLK input
• Output skew: 30ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Propagation delay: 1ns (maximum)
• Output crossover Voltage: 0.68V to 0.9V
• Output duty cycle: 49% - 51% up to 266.6MHz
• V
OH = 1.4V (maximum)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in both standard and lead-free RoHS-compliant
packages
HiPerClockS™
ICS
ICS85211I-01
8-Lead SOIC
3.90mm x 4.90mm x 1.37mm package body
M Package
Top View
Q0
nQ0
Q1
nQ1
1
2
3
4
VDD
CLK
nCLK
GND
8
7
6
5
Q0
nQ0
Q1
nQ1
CLK
nCLK


Similar Part No. - 5211AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
5211AI03 ICST-5211AI03 Datasheet
107Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B APRIL 8, 2003
More results

Similar Description - 5211AI01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8524 ICST-ICS8524 Datasheet
318Kb / 6P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. B SEPTEMBER 18, 2003
ICS8523I ICST-ICS8523I Datasheet
230Kb / 16P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. C SEPTEMBER 16, 2004
ICS8521I ICST-ICS8521I Datasheet
157Kb / 14P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 17, 2005
ICS85214 ICST-ICS85214 Datasheet
119Kb / 16P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JULY 17, 2003
ICS85214I ICST-ICS85214I Datasheet
189Kb / 15P
LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A JUNE 1, 2005
ICS852911I ICST-ICS852911I Datasheet
215Kb / 15P
LOW SKEW, 1-TO-9 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS8524 IDT-ICS8524 Datasheet
203Kb / 17P
LOW SKEW, 1-TO-22 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
logo
Renesas Technology Corp
852911I RENESAS-852911I Datasheet
270Kb / 17P
Low Skew, 1-to-9 Differential-to-HSTL Fanout Buffer
January 21, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
ICS85214I RENESAS-ICS85214I Datasheet
391Kb / 17P
Low Skew, 1-to-5, Differential-to-HSTL Fanout Buffer
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com