Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB2PMB2# Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # USB2PMB2#
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

USB2PMB2# Datasheet(HTML) 5 Page - Maxim Integrated Products

  USB2PMB2# Datasheet HTML 1Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 2Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 3Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 4Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 5Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 6Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 7Page - Maxim Integrated Products USB2PMB2# Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Maxim Integrated │ 5
www.maximintegrated.com
Evaluates: MAX31827
MAX31827 Evaluation System
MAX31827 EV System Bill of Materials
ITEM QTY REF DES
MAXINV
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
7
ALMB0,
ALMB1,
RSEL0,
RSEL1,
SCL,
SDA,
VPU
02-TPCOMP5007-
00
5007
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN;
TOTAL LENGTH=0.35IN; BOARD
HOLE=0.063IN; WHITE; PHOSPHOR
BRONZE WIRE SILVER PLATE FINISH;
RECOMMENDED FOR BOARD
THICKNESS=0.062IN;
NOT FOR COLD TEST
2
2
C1, C2
20-000U1-03
885012206071;
CGJ3E2X7R1E104K080AA;
C1608X7R1E104K080AA;
C0603C104K3RAC;
GRM188R71E104KA01;
C1608X7R1E104K;
06033C104KAT2A;
CGA3E2X7R1E104K080AA
WURTH
ELECTRONICS
INC; TDK; TDK;
KEMET; AVX;
TDK
0.1UF
CAPACITOR; SMT; 0603; CERAMIC;
0.1uF; 25V; 10%; X7R; -55degC to
+ 125degC; +/-15% from -55degC to
+125degC
3
2
D1, D2
30-LTSTC190CK
T-00
LTST-C190CKT
LITE-ON
ELECTRONICS
INC.
LTST-
C190CKT
DIODE; LED; STANDARD; RED; SMT
(0603); PIV=5.0V; IF=0.04A; -55 DEGC
TO +85 DEGC
4
2
GND,
GND1
02-TPCOMP5006-
00
5006
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN;
TOTAL LENGTH=0.35IN; BOARD
HOLE=0.063IN; BLACK; PHOSPHOR
BRONZE WIRE SILVER PLATE FINISH;
RECOMMENDED FOR BOARD
THICKNESS=0.062IN; NOT FOR COLD
TEST
5
1
J1
01-TSW10608SD
RA12P-17
TSW-106-08-S-D-RA
SAMTEC
TSW-106-08-
S-D-RA
CONNECTOR; THROUGH HOLE;
DOUBLE ROW; RIGHT ANGLE;
12PINS;
THIS PART IS DEDICATED FOR PMOD
PERIPHERAL BOARD
6
3
J2-J4
01-TSW10307TS3
P-17
TSW-103-07-T-S
SAMTEC
TSW-103-07-
T-S
CONNECTOR; THROUGH HOLE; TSW
SERIES; SINGLE ROW; STRAIGHT;
3PINS
7
2
R1, R2
80-0001K-24
CRCW06031K00FK;
ERJ-EKF1001;
CR0603AFX-1001ELF
VISHAY;
PANASONIC;
BOURNS
1K
RESISTOR; 0603; 1K; 1%; 100PPM;
0.10W; THICK FILM
8
1
R3
80-0634K-10
ERJ-3EKF6343
PANASONIC
634K
RES; SMT (0603); 634K; 1%; +/-
100PPM/DEGC; 0.1W
9
1
R4
80-080K6-24
CRCW060380K6FK;
ERJ-3EKF8062;
RC0603FR-0780K6L
VISHAY;
PANASONIC;
YAGEO
80.6K
RESISTOR; 0603; 80.6K OHM; 1%;
100PPM; 0.10W; METAL FILM
10
2
R5, R6
80-004K7-19
CRCW06034K70FK
VISHAY DALE
4.7K
RESISTOR; 0603; 4.7K; 1%; 100PPM;
0.10W; THICK FILM
11
1
U1
00-SAMPLE-01
MAX31827ANTABRPF+
MAXIM
MAX31827AN
TABRPF+
EVKIT PART - IC; MAX31827; WLP6;
PACKAGE OUTLINE DRAWING:
21-100515; PACKAGE CODE: N61B1+1
12
1
VCC
02-TPCOMP5005-
00
5005
KEYSTONE
N/A
TEST POINT; PIN DIA=0.125IN;
TOTAL LENGTH=0.35IN; BOARD
HOLE=0.063IN; RED; PHOSPHOR
BRONZE WIRE SILVER PLATE FINISH;
RECOMMENDED FOR BOARD
THICKNESS=0.062IN
13
1
PCB
EPCB31827
MAX31827
MAXIM
PCB
PCB:MAX31827



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com