Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

01AL Datasheet(PDF) 12 Page - Integrated Circuit Systems

Part # 01AL
Description  2:1 DIFFERENTIAL-TO-LVPECL MULTIPLEXER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

01AL Datasheet(HTML) 12 Page - Integrated Circuit Systems

Back Button 01AL Datasheet HTML 8Page - Integrated Circuit Systems 01AL Datasheet HTML 9Page - Integrated Circuit Systems 01AL Datasheet HTML 10Page - Integrated Circuit Systems 01AL Datasheet HTML 11Page - Integrated Circuit Systems 01AL Datasheet HTML 12Page - Integrated Circuit Systems 01AL Datasheet HTML 13Page - Integrated Circuit Systems 01AL Datasheet HTML 14Page - Integrated Circuit Systems 01AL Datasheet HTML 15Page - Integrated Circuit Systems 01AL Datasheet HTML 16Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
85301AK
www.icst.com/products/hiperclocks.html
REV. A JANUARY 16, 2006
12
Integrated
Circuit
Systems, Inc.
ICS85301
2:1
DIFFERENTIAL-TO-LVPECL MULTIPLEXER
APPLICATION SCHEMATIC EXAMPLE
Figure 5 shows an example of ICS85401 application sche-
matic. This device can accept different types of input signal.
In this example, the input is driven by a LVDS driver. The
Zo = 50
3.3V
+
-
C1
0.1u
R3
100
3.3V
3.3V
U1
ICS85401
1
2
3
4
9
10
11
12
CLK0
nCLK0
CLK1
nCLK1
GND
nQ
Q
GND
R2
100
LVDS
LVDS
3.3V
Zo = 50
C2
0.1u
Zo = 50
Zo = 50
R1
100
Zo = 50
R4
1K
Zo = 50
FIGURE 5. ICS85401 APPLICATION SCHEMATIC EXAMPLE
decoupling capacitor should be located as close as possible
to the power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com