Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4363 Datasheet(PDF) 17 Page - Analog Devices

Part # LT4363
Description  65V Dual Electronic Circuit Breaker with Current Monitors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4363 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT4363 Datasheet HTML 13Page - Analog Devices LT4363 Datasheet HTML 14Page - Analog Devices LT4363 Datasheet HTML 15Page - Analog Devices LT4363 Datasheet HTML 16Page - Analog Devices LT4363 Datasheet HTML 17Page - Analog Devices LT4363 Datasheet HTML 18Page - Analog Devices LT4363 Datasheet HTML 19Page - Analog Devices LT4363 Datasheet HTML 20Page - Analog Devices LT4363 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
LTC4249
17
Rev. 0
For more information www.analog.com
When the load is resistive, the calculation for ROV
is unchanged. For VOUT = 48V and IOC = 732mA, ROV
remains 1MΩ. However, the calculation for OV threshold
must include an additional contribution from IMON output
current due to the excess voltage over the resistive load:
VOV =1.2V•
1
RIMON
+
1
ROV
IOUT •GIMON
VOUT
+
1
ROV
where IOUT is the nominal load of 650mA yielding a result
of VOV = 51.48V. To regain a higher OV threshold, ROV
must increase, which will cause IOC to increase. For exam-
ple, if ROV is increased to 1.21MΩ, VOV becomes 55.48V
and IOC increases to 813mA.
Reverse Current Circuit Breaker
In applications where the ECB output (load side) could be
pulled above the input, such as a power mux circuit, the
risk of forward biasing the ECB body diode and conduct-
ing current to the input exists. To overcome that possibil-
ity, the two LTC4249 channels can be connected back to
back as shown in Figure 19. The back to back connection
places the two ECB body diodes in opposite directions and
prevents current from the load connection at IN2 back to
IN1, when the ECBs are off.
When the channels are turned on, however, current can
still pass through the ECBs in both directions. Fortunately,
due to the reverse connection of channel 2, current from
IN2 to OUT2 is still reported at IMON2 because channel 2
is operating normally if IN2 rises above OUT2. With an
appropriate choice of RIMON2, an accurate “reverse cur-
rent” threshold can be chosen to shut off channel 2 and
prevent excess current from the load connection at IN2
back to IN1. Channel 1 operates as usual and turns off
due to excess forward current, configured by RIMON1.
TO LOAD
6V TO 65V
RIMON1
10F
CLOAD
GND
IN1
OUT1
EN1
RDY1
LTC4249
IMON1
IMON2
RDY2
IN2
EN2
OUT2
INTVCC
0.1F
C1
SOME CONNECTIONS
OMITTED FOR CLARITY
ENABLE
RIMON2
4249 F19
Figure 19. Back to Back Connection for Load Isolation
and Forward/Reverse Current Circuit Breaker
Load Switch with Isolation
Building from Figure 19, a load switch with reverse isola-
tion is possible by duplicating the application and provid-
ing enable inputs to preferentially select the input supply
(V1 or V2) that is delivered to the load (Figure 20).
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com