Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4413 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC4413
Description  18V, 12A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4413 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC4413 Datasheet HTML 5Page - Analog Devices LTC4413 Datasheet HTML 6Page - Analog Devices LTC4413 Datasheet HTML 7Page - Analog Devices LTC4413 Datasheet HTML 8Page - Analog Devices LTC4413 Datasheet HTML 9Page - Analog Devices LTC4413 Datasheet HTML 10Page - Analog Devices LTC4413 Datasheet HTML 11Page - Analog Devices LTC4413 Datasheet HTML 12Page - Analog Devices LTC4413 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LTC4450
9
Rev. 0
For more information www.analog.com
Automatic PowerPath™ Control
Figure 4 illustrates an application circuit for automatic
switchover of a load between a battery and a wall adapter.
With application of the battery, VOUT will initially be pulled
up by the drain-to-body diode of the LTC4450’s internal
power MOSFET. Typically, 250µs (tSTART) after application
of the battery, the LTC4450 will turn on its power MOSFET,
reducing the IN-to-OUT voltage drop from a diode voltage
to 15mV. Should the wall adapter then be applied, MP1’s
body diode will pull the VOUT voltage above the battery
voltage, and the LTC4450 will turn off its power MOSFET.
At the same time, the LTC4450 will sink current into the
STATUS pin, turning on MP1 and reducing the voltage
drop from the wall adapter to VOUT.
For wall adapter and/or battery voltages exceeding 5.5V,
a voltage source ranging from 2.75V to 5.5V must be
generated from VOUT to power VCC, as shown by devices
RCL, DZ1 and MN1 in Figure 5. DCL1 and STAT2 are used
to clamp MP1’s VGS voltage to 5V.
Figure 4. Automatic Switchover of Load Between a Battery and a Wall Adapter with Auxiliary
P-Channel MOSFET In a Low Voltage Application
Figure 5. Automatic Switchover of Load Between a Battery and a Wall Adapter with Auxiliary
P-Channel MOSFET in a High Voltage Application
APPLICATIONS INFORMATION
Si4465DY
COUT
47µF
RSTAT1
1k
VOUT
BATTERY
CELL INPUT
(UP TO 3.7V)
SHDN#
GND
LTC4450
STATUS
VCC
IN
OUT
WALL
ADAPTER
INPUT (5V)
MP1
4450 F04
CIN1
0.1 F
FDS4465
C1
47µF
RSTAT1
1k
RSTAT2
10k
RCL
10k
MN1
2N7002
VOUT
SHDN#
GND
STATUS
VCC
IN
OUT
DCL1
BZX84C5V1L
5V GENERATED FROM VOUT
MP1
DZ1
BZX84C5V1L
4450 F05
BATTERY
INPUT
(7.2V)
WALL
ADAPTER
INPUT (12V)
LTC4450
CIN1
0.1 F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com