Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS813001AGILF Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS813001AGILF
Description  DUAL VCXO W/3.3V, 2.5V LVPECL FEMTOCLOCK-TM PLL
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS813001AGILF Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS813001AGILF Datasheet HTML 1Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 2Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 3Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 4Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 5Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 6Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 7Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 8Page - Integrated Circuit Systems ICS813001AGILF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
813001AGI
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 2, 2005
4
Integrated
Circuit
Systems, Inc.
ICS813001I
DUAL VCXO W/3.3V, 2.5V LVPECL
FEMTOCLOCK™ PLL
TABLE 4E. LVPECL DC CHARACTERISTICS, TA = -40°C TO 85°C
TABLE 4C. LVCMOS / LVTTL DC CHARACTERISTICS, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
O
1
E
T
O
N
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
OV
O
C
C
4
.
1
-V
O
C
C
9
.
0
-V
V
L
O
1
E
T
O
N
;
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
OV
O
C
C
0
.
2
-V
O
C
C
7
.
1
-V
V
G
N
I
W
S
g
n
i
w
S
e
g
a
t
l
o
V
t
u
p
t
u
O
k
a
e
P
-
o
t
-
k
a
e
P
6
.
00
.
1V
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
O
C
C
.
V
2
-
TABLE 4D. DIFFERENTIAL DC CHARACTERISTICS, TA = -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
1
K
L
C
V
N
I
V
=
C
C
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
0
5
1A
µ
1
K
L
C
n
V
N
I
V
=
C
C
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
5A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
1
K
L
C
V
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
5
-A
µ
1
K
L
C
n
V
N
I
V
,
V
0
=
C
C
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
0
5
1
-A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
03
.
1V
V
R
M
C
2
,
1
E
T
O
N
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
n
o
m
m
o
CV
E
E
5
.
0
+V
C
C
5
8
.
0
-V
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
H
I .
V
s
i
1
K
L
C
n
,
1
K
L
C
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
C
C
.
V
3
.
0
+
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
V
C
C
V
3
.
3
=0
.
2V
C
C
3
.
0
+V
V
C
C
V
5
.
2
=7
.
1V
C
C
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
V
C
C
V
3
.
3
=3
.
0
-8
.
0V
V
C
C
V
5
.
2
=3
.
0
-7
.
0V
C
Ve
g
a
t
l
o
V
l
o
r
t
n
o
C
O
X
C
V
0V
C
C
V
I
H
I
t
u
p
n
I
t
n
e
r
r
u
C
h
g
i
H
,
1
M
,
0
M
,
2
N
0
L
E
S
_
K
L
C
,
0
K
L
C
V
C
C
V
=
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
0
5
1A
µ
,
2
M
,
1
N
,
0
N
1
L
E
S
_
K
L
C
,
L
E
S
_
O
C
V
V
C
C
V
=
N
I
V
5
6
4
.
3
=
V
5
2
6
.
2
r
o
5A
µ
I
L
I
t
u
p
n
I
t
n
e
r
r
u
C
w
o
L
,
1
M
,
0
M
,
2
N
0
L
E
S
_
K
L
C
,
0
K
L
C
V
C
C
,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=
V
N
I
V
0
=
5
-A
µ
,
2
M
,
1
N
,
0
N
1
L
E
S
_
K
L
C
,
L
E
S
_
O
C
V
V
C
C
,
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=
V
N
I
V
0
=
0
5
1
-A
µ
I
C
V
V
ƒ
c
t
n
e
r
r
u
C
t
u
p
n
I
c
n
i
pV
C
C
V
5
2
6
.
2
r
o
V
5
6
4
.
3
=0
0
1
-0
0
1A
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com