Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCS003L Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCS003L
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS003L Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS003L Datasheet HTML 1Page - Balluff Korea Ltd. BCS003L Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS D50OO03-YPC25C-S49G
Order Code: BCS003L
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 367229
ETIM 6.0: EC002715
BCS003L_0.54_2021-07-13
2 / 2
Mechanical data
Dimension
Ø 50 x 10 mm
Installation
for flush mounting
Size
D50.0
Range/Distance
Measuring range
2...25 mm
Remarks
For flush-mounting use only locking M8 connector
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com