Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT8645LLF Datasheet(PDF) 1 Page - Central Technologies

Part # CT8645LLF
Description  Low Core Loss, High Current Toroid Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT8645LLF Datasheet(HTML) 1 Page - Central Technologies

  CT8645LLF Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Manufacturer of Passive Components
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2017 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
REV 11.09.17
Low Core Loss, High Current Toroid Inductors www.ctparts.com
CT8645LLF
Series
From 1.0µH to 1,000µH
SPECIFICATIONS
Part number indicates available inductance tolerance.
L = ±15%, M = ±20%
Insert “H” or “V” at the end of part number for mounting style.
H = Horizontal Mount / V = Vertical Mount
DCR
Part
L(µH)
Idc
L(µH)
(Ω)
A
B
C
Number
@1kHz
(A)
@Irated
Max.
Nom.
Nom.
Nom.
CT8645LLF-1R0M-T_
1.0
21.4
0.8
0.002
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-1R5M-T_
1.5
18.5
1.1
0.003
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-2R2M-T_
2.2
16.5
1.5
0.003
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-3R3M-T_
3.3
15.1
2.1
0.003
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-4R7M-T_
4.7
14.0
2.9
0.003
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-5R6M-T_
5.6
13.1
3.3
0.004
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-6R8M-T_
6.8
12.3
3.9
0.004
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-8R2M-T_
8.2
11.7
4.5
0.005
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-100L-T_
10
11.4
5.2
0.005
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-120L-T_
12
10.9
6.1
0.006
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-150L-T_
15
10.5
7.3
0.006
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-180L-T_
18
10.1
8.5
0.007
0.37/9.40
0.80/20.3
0.053/1.35
CT8645LLF-220L-T_
22
7.5
11.8
0.012
0.35/8.89
0.78/19.8
0.042/1.07
CT8645LLF-270L-T_
27
7.3
14.2
0.012
0.35/8.89
0.78/19.8
0.042/1.07
CT8645LLF-330L-T_
33
6.9
16.6
0.014
0.35/8.89
0.78/19.8
0.042/1.07
CT8645LLF-390L-T_
39
6.6
18.8
0.015
0.35/8.89
0.78/19.8
0.042/1.07
CT8645LLF-470L-T_
47
5.2
25.3
0.024
0.33/8.38
0.76/19.3
0.034/0.86
CT8645LLF-560L-T_
56
5.0
29.3
0.026
0.33/8.38
0.76/19.3
0.034/0.86
CT8645LLF-680L-T_
68
4.7
34.0
0.030
0.40/10.2
0.76/19.3
0.034/0.86
CT8645LLF-820L-T_
82
4.6
39.9
0.032
0.40/10.2
0.76/19.3
0.034/0.86
CT8645LLF-101L-T_
100
4.3
46.2
0.036
0.40/10.2
0.76/19.3
0.034/0.86
CT8645LLF-121L-T_
120
4.1
53.5
0.039
0.40/10.2
0.76/19.3
0.034/0.86
CT8645LLF-151L-T_
150
3.9
63.8
0.043
0.40/10.2
0.76/19.3
0.034/0.86
CT8645LLF-181L-T_
180
3.7
73.3
0.048
0.40/10.2
0.76/19.3
0.034/0.86
CT8645LLF-221L-T_
220
3.5
85.1
0.053
0.40/10.2
0.76/19.3
0.034/0.86
CT8645LLF-271L-T_
270
2.7
124.2
0.093
0.37/9.40
0.74/18.8
0.027/0.69
CT8645LLF-331L-T_
330
2.5
145.1
0.103
0.37/9.40
0.74/18.8
0.027/0.69
CT8645LLF-391L-T_
390
2.4
165.4
0.112
0.37/9.40
0.74/18.8
0.027/0.69
CT8645LLF-471L-T_
470
2.3
190.1
0.124
0.38/9.65
0.76/19.3
0.027/0.69
CT8645LLF-561L-T_
560
2.2
217.9
0.134
0.38/9.65
0.76/19.3
0.027/0.69
CT8645LLF-681L-T_
680
2.1
251.9
0.147
0.38/9.65
0.76/19.3
0.027/0.69
CT8645LLF-821L-T_
820
1.6
361.6
0.257
0.37/9.40
0.75/19.1
0.022/0.56
CT8645LLF-102L-T_
1000
1.5
421.5
0.284
0.37/9.40
0.75/19.1
0.022/0.56
Not Shown at Actual Size
CHARACTERISTICS
Description: Low core loss, high current toroid inductors (hori-
zontal and vertical mounting styles).
Applications: Switch mode power supplies, DC/DC converters,
output chokes, EMI filters
Operating Temperature: -55°C to +125°C
IDC: Current to cause a 30°C temperature rise
Testing: Inductance is tested on an HP4284A at 1kHz
Packaging: Bulk
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
0.86/21.8
(Max.)
0.45/11.4(Max.)
C
A
0.5/12.7 lead length tinned to
within 0.062/1.57 above
mounting plane.
0.45/11.4(Max.)
C
B
0.86/21.8
(Max.)
0.5/12.7 lead length tinned to
within 0.062/1.57 above
mounting plane.
Unit: inch/mm
Vertical
Horizontal
Physical Dimensions (inches/mm)
Dimensions: inches/mm


Similar Part No. - CT8645LLF

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT8645F CT-CT8645F Datasheet
95Kb / 1P
High Current Toroid Inductors
More results

Similar Description - CT8645LLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
High Current Toroid Inductors
2100LL-151-H-RC BOURNS-2100LL-151-H-RC Datasheet
90Kb / 1P
Low Core Loss, High Current Toroid Inductors
2100LL-221-V-RC BOURNS-2100LL-221-V-RC Datasheet
95Kb / 1P
Low Core Loss, High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
High Current Toroid Inductors
2200LL-1R0-RC BOURNS-2200LL-1R0-RC Datasheet
438Kb / 1P
Low Core Loss, High Current Toroid Inductors
2300LL-1R5-RC BOURNS-2300LL-1R5-RC Datasheet
480Kb / 1P
Low Core Loss, High Current Toroid Inductors
logo
Allied Components Inter...
TC210LL ALLIED-TC210LL Datasheet
1Mb / 1P
Low Loss High Current Toroid Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com