Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C150 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C150
Description  16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C150 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C150 Datasheet HTML 1Page - National Semiconductor (TI) MM74C150 Datasheet HTML 2Page - National Semiconductor (TI) MM74C150 Datasheet HTML 3Page - National Semiconductor (TI) MM74C150 Datasheet HTML 4Page - National Semiconductor (TI) MM74C150 Datasheet HTML 5Page - National Semiconductor (TI) MM74C150 Datasheet HTML 6Page - National Semiconductor (TI) MM74C150 Datasheet HTML 7Page - National Semiconductor (TI) MM74C150 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0 tpd1
Propagation Delay Time to a
VCC e 50V
250
600
ns
Logical ‘‘0’’ or Logical ‘‘1’’
VCC e 10V
110
300
ns
from Data Inputs to Output
VCC e 50V CL e 150 pF
290
650
ns
VCC e 10V CL e 150 pF
120
330
ns
tpd0 tpd1
Propagation Delay Time to a
VCC e 50V
290
650
ns
Logical ‘‘0’’ or Logical ‘‘1’’
VCC e 10V
120
330
ns
from Data Select Inputs to
Output
tpd0 tpd1
Propagation Delay Time to a
VCC e 50V
120
300
ns
Logical ‘‘0’’ or Logical ‘‘1’’
VCC e 10V
55
150
ns
from Strobe to Output
MM54C150MM74C150
t1H t0H
Delay from Strobe to High
VCC e 50V RL e 10k CL e 5 pF
80
200
ns
Impedance State
VCC e 10V RL e 10k CL e 5 pF
60
150
ns
MM72C19MM82C19
tH1 tH0
Delay from Strobe to Logical
VCC e 50V RL e 10k CL e 5 pF
80
250
ns
‘‘1’’ Level or to Logical ‘‘0’’
VCC e 10V RL e 10k CL e 5 pF
30
120
ns
Level (from High Impedance State)
MM72C19MM82C19
CIN
Input Capacitance
Any Input (Note 2)
50
pF
COUT
Output Capacitance
(Note 2)
110
pF
MM72C19MM82C19
CPD
Power Dissipation Capacitance
(Note 3)
100
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com