Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX35103 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX35103
Description  Easy Evaluation of the MAX35103
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX35103 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX35103 Datasheet HTML 1Page - Maxim Integrated Products MAX35103 Datasheet HTML 2Page - Maxim Integrated Products MAX35103 Datasheet HTML 3Page - Maxim Integrated Products MAX35103 Datasheet HTML 4Page - Maxim Integrated Products MAX35103 Datasheet HTML 5Page - Maxim Integrated Products MAX35103 Datasheet HTML 6Page - Maxim Integrated Products MAX35103 Datasheet HTML 7Page - Maxim Integrated Products MAX35103 Datasheet HTML 8Page - Maxim Integrated Products MAX35103 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX35103
MAX35103 Evaluation Kit
Send Device Command Menu
An SPI-based interface is used to access the features and
memory of the IC using an op code/command structure.
Several of these commands are single-byte execution
op-code commands that cause the device to execute
various routines. The general execution commands are
available to send to the IC from the
Send Device
Command menu. To send an LDO Timed, LDO Off,
LDO On, Reset, Initialize, Calibrate, and Transfer
Config to Flash command, simply click the appropriate
selection from the drop-down menu. When the
Send
Device Command menu is selected and the drop-down
menu is displayed, a read of the Calibration Results
register is performed. The resulting data is displayed next
to the
Calibrate Command text in units of µs.
Device Pins Menu
Several pins of the IC are configurable or can be
disabled. The
Device Pins menu allows easy access to
these configurations. A read of the appropriate registers
is performed once the
Device Pins menu is selected and
the currently programmed configurations are noted with
a check next to the appropriate configuration. To change
the configurations, simply click the desired selection from
the drop-down menu.
Read All Registers Button
The
Read All Registers at the top right of the GUI
window (Figure 1) is used to read all the required
registers of the IC to update all the currently displayed
controls and fields of the GUI. This action also occurs
when changing tabs in the tab control. Clicking this button
does not read the Interrupt Status register and therefore
does not update the
Interrupt Status group box.
Status Log
The
Status Log at the bottom left of the GUI (Figure 1) dis-
plays all the actions the GUI performs that are relevant to
the user. To disable the log, uncheck the
Enable checkbox.
To clear the
Status Log, click on the nearby Clear Log
button. The log is autocleared when it becomes too lengthy.
Interrupt Status Display
The
Interrupt Status group box in the bottom center of
the GUI (Figure 1) reads the Interrupt Status register and
displays the results in an easy-to-decipher table. A grey
circle signifies the bit is not set, while a red circle indicates
that the associated bit was set when the Interrupt Status
register was read.
Note: The bits in the Interrupt Status
register are self-clearing after a read. The
Interrupt
Status group box is also updated during execution of the
event timing modes when the interrupt pin goes active.
Device Access Log
The
Device Access Log group box in the bottom right
of the GUI (Figure 1) displays all the actions the GUI per-
forms in relation to the IC. All SPI transactions between
the host USB-to-SPI circuit and the IC are displayed here.
To speed up writes to the
Device Access Log and make
it more readable, large SPI transactions are not logged by
default. However, all SPI transactions including the larger
ones can be shown, if desired. This is done by uncheck-
ing the nearby
Small Access Only checkbox. To disable
the log, uncheck the
Enable checkbox. To clear the
Device Access Log, click on the nearby Clear Log but-
ton. The log is autocleared when it becomes too lengthy.
Status Strip
The
Status Strip is located at the bottom of the GUI
window (Figure 1). This strip is broken down into three
sections. The first, located on the left, is an overall
system status primarily used to display if the GUI is
currently doing any kind of polling (automated timing) of
the IC. This helps the user keep track of which polling
routines have been started, allowing them to stop the
running polling before moving on to evaluating other areas
of the device. The middle section of the
Status Strip
displays the currently running EV kit software version.
The right section of the
Status Strip displays whether the
hardware (USB-to-SPI circuitry) is currently connected to,
and communicating with, the GUI.
Tab Control
The majority of the GUI consists of a tab control, where
each tab contains controls relevant to various blocks
of the device. The tab control is shown in Figure 1. All
controls in these tabs, which can be interacted with by the
user, attempt to immediately write the changed value to
the IC. Likewise, these controls are updated upon a read
of the device.
Time Of Flight Tab
All the configurations required to set up and execute the
time-of-flight measurements can be found in the
Time Of
Flight tab (Figure 2). The Time Of Flight tab contains
another tab control window located towards the bottom.
This secondary tab control contains two informative
graphics and data read from the IC.
To begin configuration of the IC, start by viewing the
Launch & Timing Graphic tab. This is a static image
of the timing associated with the
Launch & Timing
Config group box. Use this overview to assist in setting
the associated controls in the
Launch & Timing Config
group box.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com