Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F684-I/P Datasheet(PDF) 79 Page - Microchip Technology

Part # PIC16F684-I/P
Description  14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F684-I/P Datasheet(HTML) 79 Page - Microchip Technology

Back Button PIC16F684-I/P Datasheet HTML 75Page - Microchip Technology PIC16F684-I/P Datasheet HTML 76Page - Microchip Technology PIC16F684-I/P Datasheet HTML 77Page - Microchip Technology PIC16F684-I/P Datasheet HTML 78Page - Microchip Technology PIC16F684-I/P Datasheet HTML 79Page - Microchip Technology PIC16F684-I/P Datasheet HTML 80Page - Microchip Technology PIC16F684-I/P Datasheet HTML 81Page - Microchip Technology PIC16F684-I/P Datasheet HTML 82Page - Microchip Technology PIC16F684-I/P Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 164 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41202C-page 77
PIC16F684
11.2
Compare Mode
In Compare mode, the 16-bit CCPR1 register value is
constantly compared against the TMR1 register pair
value. When a match occurs, the RC5/CCP1/P1A pin
is:
• Driven high
•Driven low
• Remains unchanged
The action on the pin is based on the value of control
bits, CCP1M<3:0> (CCP1CON<3:0>). At the same
time, interrupt flag bit, CCP1IF (PIR1<5>), is set.
FIGURE 11-2:
COMPARE MODE
OPERATION BLOCK
DIAGRAM
11.2.1
CCP1 PIN CONFIGURATION
The user must configure the RC5/CCP1/P1A pin as an
output by clearing the TRISC<5> bit.
11.2.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchro-
nized Counter mode if the ECCP module is using the
compare feature. In Asynchronous Counter mode, the
compare operation may not work.
11.2.3
SOFTWARE INTERRUPT MODE
When Generate Software Interrupt mode is chosen
(CCP1M<3:0> = 1010), the CCP1 pin is not affected.
The CCP1IF (PIR1<5>) bit is set, causing a ECCP
interrupt (if enabled). See Register 11-1.
11.2.4
SPECIAL EVENT TRIGGER
In this mode (CCP1M<3:0> = 1011), an internal
hardware trigger is generated, which may be used to
initiate an action. See Register 11-1.
The special event trigger output of ECCP resets the
TMR1 register pair. This allows the CCPR1 register to
effectively be a 16-bit programmable period register for
Timer1. The special event trigger output also starts an
A/D conversion (if the A/D module is enabled).
TABLE 11-2:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, AND TIMER1
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Special Event Trigger
Set Flag bit CCP1IF
(PIR1<5>)
Match
RC5/CCP1/P1A
TRISC<5>
CCP1CON<3:0>
Mode Select
Output Enable
pin
Special Event Trigger will:
•
clear TMR1H and TMR1L registers
•
NOT set interrupt flag bit TMR1F (PIR1<0>)
•
set the GO/DONE bit (ADCON0<1>)
Note:
Clearing the CCP1CON register will force
the RC5/CCP1/P1A compare output latch
to the default low level. This is not the
PORTC I/O data latch.
Note:
The special event trigger from the ECCP
module will not set interrupt flag bit
TMR1IF (PIR1<0>).
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Value on
all other
Resets
0Bh/
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000 0000 0000
0Ch
PIR1
EEIF
ADIF
CCP1IF
C2IF
C1IF
OSFIF
TMR2IF
TMR1IF 0000 0000 0000 0000
0Eh
TMR1L
Holding register for the Least Significant Byte of the 16-bit TMR1 register
xxxx xxxx uuuu uuuu
0Fh
TMR1H
Holding register for the Most Significant Byte of the 16-bit TMR1 register
xxxx xxxx uuuu uuuu
10h
T1CON
T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 uuuu uuuu
1Ah
CMCON1
—
—
—
—
—
—T1GSS
C2SYNC ---- --10 ---- --10
13h
CCPR1L
Capture/Compare/PWM Register 1 Low Byte
xxxx xxxx uuuu uuuu
14h
CCPR1H
Capture/Compare/PWM Register 1 High Byte
xxxx xxxx uuuu uuuu
15h
CCP1CON
P1M1
P1M0
DC1B1
DC1B0
CCP1M3
CCP1M2 CCP1M1 CCP1M0 0000 0000 0000 0000
87h
TRISC
—
—TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
--11 1111 --11 1111
8Ch
PIE1
EEIE
ADIE
CCP1IE
C2IE
C1IE
OSFIE
TMR2IE
TMR1IE 0000 0000 0000 0000
Legend: — = Unimplemented locations, read as ‘0’, u = unchanged, x = unknown. Shaded cells are not used by the Capture,
Compare or Timer1 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com