Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSZ8863MLL Datasheet(PDF) 53 Page - Microchip Technology

Part # KSZ8863MLL
Description  Integrated 3-Port 10/100 Managed Switch with PHYs
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8863MLL Datasheet(HTML) 53 Page - Microchip Technology

Back Button KSZ8863MLL Datasheet HTML 49Page - Microchip Technology KSZ8863MLL Datasheet HTML 50Page - Microchip Technology KSZ8863MLL Datasheet HTML 51Page - Microchip Technology KSZ8863MLL Datasheet HTML 52Page - Microchip Technology KSZ8863MLL Datasheet HTML 53Page - Microchip Technology KSZ8863MLL Datasheet HTML 54Page - Microchip Technology KSZ8863MLL Datasheet HTML 55Page - Microchip Technology KSZ8863MLL Datasheet HTML 56Page - Microchip Technology KSZ8863MLL Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
2017-2021 Microchip Technology Inc.
DS00002335C-page 53
KSZ8863MLL/FLL/RLL
Register 31 (0x1F): Port 1 Status 1
Register 47 (0x2F): Port 2 Status 1
Register 63 (0x3F): Port 3 Status 1
7
Hp_mdix
R/W
1 = HP Auto MDI/MDI-X mode
0 = Microchip Auto MDI/MDI-X mode
1
Note that only
ports 1 and 2
are PHY ports.
This bit is not
applicable to
port 3 (MII).
6
Reserved
RO
Reserved
Do not change the default value.
0
5
Polrvs
RO
1 = polarity is reversed
0 = polarity is not reversed
0
Note that this bit
is not applica-
ble to port 3
(MII).
This bit is only
valid for 10BT
4
Transmit Flow
Control Enable
RO
1 = transmit flow control feature is active
0 = transmit flow control feature is inactive
0
3
Receive Flow
Control Enable
RO
1 = receive flow control feature is active
0 = receive flow control feature is inactive
0
2
Operation Speed
RO
1 = link speed is 100 Mbps
0 = link speed is 10 Mbps
0
1
Operation Duplex
RO
1 = link duplex is full
0 = link duplex is half
0
0
Far-End Fault
RO
1 = far-end fault status detected
0 = no far-end fault status detected
0
This bit is
applicable to
port 1 only.
Register 67 (0x43): Reset
4
Software Reset
R/W
1 = Software reset
0 = Clear
Note:
Software reset will reset all registers to the
initial values of the power-on reset or
warm reset (keep the strap values).
0
0
PCS Reset
R/W
1 = PCS reset is used when is doing software reset
for a complete reset
0 = Clear
Note:
PCS reset will reset the state machine and
clock domain in PHY’s PCS layer.
0
TABLE 4-7:
PORT REGISTERS (REGISTERS 16-95) (CONTINUED)
Bit
Name
R/W
Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com