Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9255/ZMX018 Datasheet(PDF) 6 Page - Microchip Technology

Part # LAN9255/ZMX018
Description  2/3-Port EtherCAT짰 Device Controller with Integrated PHYs & SAM E53J 32-bit ARM짰 Cortex짰-M4F MCU
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9255/ZMX018 Datasheet(HTML) 6 Page - Microchip Technology

Back Button LAN9255/ZMX018 Datasheet HTML 2Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 3Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 4Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 5Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 6Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 7Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 8Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 9Page - Microchip Technology LAN9255/ZMX018 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LAN9255
DS00003646B-page 6
2020-2021 Microchip Technology Inc.
3.0
LAN9255 DEVICE SPECIFICATIONS
This section details device specifications that are unique to the LAN9255 and/or supersede those included in the
LAN9253 and SAM E53J data sheets.
3.1
Optimal Interfacing between LAN9253 and SAM E53J
The following guidelines will provide optimal interfacing between the internal LAN9253 and SAM E53J die.
• The following connections are required between die for SPI/QSPI operation:
• ESC EEPROM connected to the LAN9253 is optional
• Refer to the LAN9253 Data Sheet for information on configuration straps required to enable EEPROM emulation
• The 25MHz clock from the LAN9253 may be optionally used to feed the SAM E53J
3.2
Optimal EtherCAT Interfacing
• The EtherCAT RUN and EtherCAT ERROR LEDs can be used. Refer to the LAN9253 Data Sheet for additional
information.
3.2.1
IMPLEMENTING ETHERNET
TABLE 3-1:
SPI/QSPI CONNECTIONS
SPI Function
LAN9253 Pins
SAM E53J Pins
SCK
41
40
SCS#
101
42
SIO0
38
33
SIO1
26
34
SIO2
24
35
SIO3
71
36
TABLE 3-2:
RMII INTERFACE
RMII Function
Pin Name
LAN9255 Pin Number
TXEN
PA17
68
TXD0
PA18
69
TXD1
PA19
73
RXDV
PA16
67
RXD0
PA13
62
RXD1
PA12
61
RXER
PA15
64
MDIO
PA21
87
MDC
PA20
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com