Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX32621 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX32621
Description  Micro-USB Type-B Connection to the IC is USB Device Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32621 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX32621 Datasheet HTML 1Page - Maxim Integrated Products MAX32621 Datasheet HTML 2Page - Maxim Integrated Products MAX32621 Datasheet HTML 3Page - Maxim Integrated Products MAX32621 Datasheet HTML 4Page - Maxim Integrated Products MAX32621 Datasheet HTML 5Page - Maxim Integrated Products MAX32621 Datasheet HTML 6Page - Maxim Integrated Products MAX32621 Datasheet HTML 7Page - Maxim Integrated Products MAX32621 Datasheet HTML 8Page - Maxim Integrated Products MAX32621 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Evaluate: MAX32620, MAX32621
MAX32620, MAX32621
Evaluation Kits
19-7593; Rev 2; 2/17
General Description
The MAX32620 and MAX32621 evaluation kits (EV kits)
provide a convenient platform for evaluating the capa-
bilities of the MAX32620 and MAX32621 microcontrollers,
respectively. While the MAX32620 EV kit includes a
MAX32620 soldered directly to the board, the MAX32621
EV kit features a socketed MAX32621. Each EV kit also
provides a complete, functional system ideal for develop-
ment and debugging applications. Except where stated
otherwise, the following sections apply to both EV kits.
EV Kit Contents
● EV Kit Board with a MAX32620 Soldered Down
(MAX32620 EV Kit Only)
● EV Kit Board with a Socketed MAX32621
(MAX32621 EV Kit Only)
● Olimex ARM-USB-TINY-H JTAG Debugger with
JTAG Ribbon Cable (for Connecting from Debugger
to EV Kit Header J1) and USB Standard A-to-B cable
(for Connecting from PC to Debugger)
● Two Standard-A to Micro-B USB Cables (for
Connecting from a PC or Stand-Alone USB Power
Supply to EV Kit Connectors CN1 and CN2)
● MAX32620/MAX32621 EV Kit Quick Start
● Hex Keys for the Socket (MAX32621 EV Kit Only)
Benefits and Features
● Easily Load and Debug Code Using the Supplied
Olimex ARM-USB-TINY-H JTAG Debugger Connected
Through a Standard 20-Pin ARM JTAG Header
● Headers for Accessing the IC’s Pins and Analog
Front End (AFE) Input Signals
● Micro-USB Type-B Connection to the IC’s USB
Device Controller
● Micro-USB Type-B Connection to USB-UART Bridge
Selectable Between the IC’s Internal UART 0 and
UART 1
● On-Board Bluetooth® 4.0 BLE Transceiver with Chip
Antenna
The Bluetooth word mark and logos are registered trademarks
owned by Bluetooth SIG, Inc. and any use of such marks by
Maxim is under license.
EV Kit Contents
(MAX32620 EV Kit Shown)
#Denotes RoHS compliant.
Ordering Information
PART
TYPE
MAX32620-EVKIT#
EV kit with MAX32620 sample
MAX32621-EVKIT#
EV kit with socket
and MAX32621 sample


Similar Part No. - MAX32621

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX32621 MAXIM-MAX32621 Datasheet
3Mb / 17P
MAX32620, MAX32621 Evaluation Kits
Rev 2; 2/17
More results

Similar Description - MAX32621

ManufacturerPart #DatasheetDescription
logo
FCI connector
10118192 FCI-CONNECTOR-10118192 Datasheet
77Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118194-0001LF FCI-CONNECTOR-10118194-0001LF Datasheet
79Kb / 1P
MICRO USB B TYPE RECEPTACLE
logo
Adam Technologies, Inc.
MCR-B-MPLUG-01 ADAM-TECH-MCR-B-MPLUG-01 Datasheet
82Kb / 1P
MICRO USB 3.0 B TYPE
MCR-B-S-RA-SMT-CS1-TR ADAM-TECH-MCR-B-S-RA-SMT-CS1-TR Datasheet
92Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-SMT-TR ADAM-TECH-MCR-B-S-RA-SMT-TR Datasheet
100Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-INV-TR ADAM-TECH-MCR-B-S-RA-TSMT-INV-TR Datasheet
94Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-NP-TR ADAM-TECH-MCR-B-S-RA-TSMT-NP-TR Datasheet
95Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-P-TR ADAM-TECH-MCR-B-S-RA-TSMT-P-TR Datasheet
124Kb / 1P
MICRO USB TYPE B
MCR-B-S-RA-TSMT-TR ADAM-TECH-MCR-B-S-RA-TSMT-TR Datasheet
95Kb / 1P
MICRO USB TYPE B
MCR-B-S-V-SMT ADAM-TECH-MCR-B-S-V-SMT Datasheet
89Kb / 1P
MICRO USB TYPE B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com