Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX804_C/D Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX804_C/D
Description  3.0V/3.3V Microprocessor Supervisory Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX804_C/D Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX804_C/D Datasheet HTML 1Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 2Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 3Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 4Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 5Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 6Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 7Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 8Page - Maxim Integrated Products MAX804_C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
(VCC = 3.17V to 5.5V for the MAX690T/MAX704T/MAX80_T, VCC = 3.02V to 5.5V for the MAX690S/MAX704S/MAX80_S, VCC = 2.72V to
5.5V for the MAX690R/MAX704R/MAX80_R; VBATT = 3.6V; TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
Terminal Voltage (with respect to GND)
VCC...................................................................-0.3V to +6.0V
VBATT ..............................................................-0.3V to +6.0V
All Other Inputs................. -0.3V to the higher of VCC or VBATT
Continuous Input Current
VCC...............................................................................100mA
VBATT ............................................................................18mA
GND................................................................................18mA
Output Current
RESET, PFO ..................................................................18mA
VOUT.............................................................................100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C)............727mW
SO (derate 5.88mW/°C above +70°C) ........................471mW
CERDIP (derate 8.00mW/°C above +70°C)................640mW
Operating Temperature Ranges
MAX690_C_ _/MAX704_C_ _/MAX80_ _C_ _.......0°C to +70°C
MAX690_E_ _/MAX704_E_ _/MAX80_ _E_ _.... -40°C to +85°C
MAX690_M_ _/MAX704_M_ _/MAX80_ _M_ _... -55°C to +125°C
Storage Temperature Range............................ -65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Voltage Range,
VCC, VBATT (Note 1)
MAX690_C, MAX704_C, MAX80_ _C
1.0
5.5
V
MAX690_E/M, MAX704_E/M, MAX80_ _E/M
1.1
5.5
VCC Supply Current
(excluding IOUT)
ISUPPLY
MR = VCC
(MAX704_/
MAX806_)
MAX690_C/E, MAX704_C/E,
MAX80_ _C/E, VCC < 3.6V
40
50
µA
MAX690_C/E, MAX704_C/E,
MAX80_ _C/E, VCC < 5.5V
50
65
MAX690_M, MAX704_M,
MAX80_ _M, VCC < 3.6V
40
55
MAX690_M, MAX704_M,
MAX80_ _M, VCC < 5.5V
50
70
VCC Supply Current in Battery-
Backup Mode(excluding IOUT)
MR = VCC
(MAX704_/
MAX806_)
VCC = 2.0V, VBATT = 2.3V
25
50
µA
VBATT Supply Current, Any
Mode (excluding IOUT) (Note 2)
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
0.4
1
µA
MAX690_M, MAX704_M, MAX80_ _M
0.4
10
Battery Leakage Current
(Note 3)
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
0.01
0.5
µA
MAX690_M, MAX704_M, MAX80_ _M
0.01
5
VOUT Output Voltage
MAX690_C/E, MAX704_C/E, MAX80_ _C/E,
IOUT = 5mA (Note 4)
VCC
-0.3
VCC
-0.015
V
MAX690_C/E, MAX704_C/E, MAX80_ _C/E
IOUT = 50mA
VCC
-0.3
VCC
-0.15
MAX690_M, MAX704_M, MAX80_ _M
IOUT = 5mA (Note 4)
VCC
-0.035
VCC
-0.015
MAX690_M, MAX704_M, MAX80_ _M
IOUT = 50mA
VCC
-0.35
VCC
-0.15
IOUT = 250µA, VCC > 2.5V (Note 4)
VCC
-0.0015
VCC
-0.0006
MAX690T/S/R, MAX704T/S/R,
MAX802T/S/R, MAX804−MAX806T/S/R
3.0V/3.3V Microprocessor
Supervisory Circuits
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com