Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA2131 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA2131
Description  Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2131 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA2131 Datasheet HTML 4Page - NXP Semiconductors PCA2131 Datasheet HTML 5Page - NXP Semiconductors PCA2131 Datasheet HTML 6Page - NXP Semiconductors PCA2131 Datasheet HTML 7Page - NXP Semiconductors PCA2131 Datasheet HTML 8Page - NXP Semiconductors PCA2131 Datasheet HTML 9Page - NXP Semiconductors PCA2131 Datasheet HTML 10Page - NXP Semiconductors PCA2131 Datasheet HTML 11Page - NXP Semiconductors PCA2131 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 86 page
background image
NXP Semiconductors
PCA2131
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Bit positions labeled as T are unused and return 0 when read. Bits labeled as X are undefined at power-on and unchanged by subsequent resets.
Bit
Address
Register name
7
6
5
4
3
2
1
0
Reset value
Reference
13h
CLKOUT_ctl
TCR[1:0]
OTPR
-
-
COF[2:0]
00X0 0000
Table 15
Timestamp1 registers
14h
Timestp_ctl1
TSM
TSOFF
-
SUBSEC_TIMESTP[4:0]
0000 0000
Table 64
15h
Sec_timestp1
-
SECOND_TIMESTP (0 to 59)
0000 0000
Table 66
16h
Min_timestp1
-
MINUTE_TIMESTP (0 to 59)
0000 0000
Table 68
AMPM
HOUR_TIMESTP (1 to 12) in 12-hour mode
0000 0000
17h
Hour_timestp1
-
-
HOUR_TIMESTP (0 to 23) in 24-hour mode
0000 0000
Table 70
18h
Day_timestp1
-
-
DAY_TIMESTP (1 to 31)
0000 0000
Table 72
19h
Mon_timestp1
-
-
-
MONTH_TIMESTP (1 to 12)
0000 0000
Table 74
1Ah
Year_timestp1
YEAR_TIMESTP (0 to 99)
0000 0000
Table 76
Timestamp2 registers
1Bh
Timestp_ctl2
TSM
TSOFF
-
SUBSEC_TIMESTP[4:0]
0000 0000
Table 64
1Ch
Sec_timestp2
-
SECOND_TIMESTP (0 to 59)
0000 0000
Table 66
1Dh
Min_timestp2
-
MINUTE_TIMESTP (0 to 59)
0000 0000
Table 68
AMPM
HOUR_TIMESTP (1 to 12) in 12-hour mode
0000 0000
1Eh
Hour_timestp2
-
-
HOUR_TIMESTP (0 to 23) in 24-hour mode
0000 0000
Table 70
1Fh
Day_timestp2
-
-
DAY_TIMESTP (1 to 31)
0000 0000
Table 72
20h
Mon_timestp2
-
-
-
MONTH_TIMESTP (1 to 12)
0000 0000
Table 74
21h
Year_timestp2
YEAR_TIMESTP (0 to 99)
0000 0000
Table 76
Timestamp3 registers
22h
Timestp_ctl3
TSM
TSOFF
-
SUBSEC_TIMESTP[4:0]
0000 0000
Table 64
23h
Sec_timestp3
-
SECOND_TIMESTP (0 to 59)
0000 0000
Table 66
24h
Min_timestp3
-
MINUTE_TIMESTP (0 to 59)
0000 0000
Table 68
AMPM
HOUR_TIMESTP (1 to 12) in 12-hour mode
0000 0000
25h
Hour_timestp3
-
-
HOUR_TIMESTP (0 to 23) in 24-hour mode
0000 0000
Table 70
26h
Day_timestp3
-
-
DAY_TIMESTP (1 to 31)
0000 0000
Table 72
27h
Mon_timestp3
-
-
-
MONTH_TIMESTP (1 to 12)
0000 0000
Table 74
Table 4. Register overview...continued
PCA2131
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 26 July 2021
8 / 86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com