Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843034AY Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS843034AY
Description  MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843034AY Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS843034AY Datasheet HTML 9Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 10Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 11Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 12Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 13Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 14Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 15Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 16Page - Integrated Circuit Systems ICS843034AY Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
843034AY
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2005
13
Integrated
Circuit
Systems, Inc.
ICS843034
FEMTOCLOCKS™
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
OUTPUT DUTY CYCLE/OUTPUT PULSE WIDTH/PERIOD
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
FOUTA0
nFOUTA0
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
tsk(o)
nFOUTx
FOUTx
nFOUTy
FOUTy
PARAMETER MEASUREMENT INFORMATION
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
FOUTA0/nFOUTA0, FOUTB0/nFOUTB0
SCOPE
Qx
nQx
LVPECL
2V
-1.3V ± 0.165V
VCC,
VCCA, VCCO_A,
VCCO__B
VEE
3.3VCORE/3.3V REF_CLK OUTPUT LOAD AC TEST CIRCUIT
3.3V CORE/2.5V OUTPUT LOAD AC TEST CIRCUIT
FOUTA0/nFOUTA0, FOUTB0/nFOUTB0
SCOPE
Qx
nQx
LVPECL
2.8V±0.04V
-0.5V ± 0.125V
VCC,
VCCA
VEE
VCCO_A,
VCCO__B
2V
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V ± 5%
VCC,
VCCA, VCCO_REF
VEE
LVPECL OUTPUT RISE/FALL TIME
OUTPUT SKEW
PERIOD JITTER
LVCMOS OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com