Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843034AYLF Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS843034AYLF
Description  MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843034AYLF Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS843034AYLF Datasheet HTML 1Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 2Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 3Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 4Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 5Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 6Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 7Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 8Page - Integrated Circuit Systems ICS843034AYLF Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
843034AY
www.icst.com/products/hiperclocks.html
REV. A JULY 25, 2005
2
Integrated
Circuit
Systems, Inc.
ICS843034
FEMTOCLOCKS™
MULTI-RATE 3.3V, 2.5V LVPECL FREQUENCY SYNTHESIZER
PRELIMINARY
OSC
C
I
L
÷M
0
0
1
001
011
101
111
÷16
÷
000
÷1
001
÷2
010
÷3
011
÷4
÷5
101
÷6
÷8
111
÷16
÷
OSC
PHASE
DETECTOR
VCO
00
01
1 0
11
FOUTA0
nFOUTA0
FOUTB0
nFOUTB0
REF_CLK
TEST
V
CCO_REF
V
CCO_A
V
CCO_B
OE_A
VCO_SEL
XTAL_IN0
XTAL_OUT0
XTAL_IN1
XTAL_OUT1
CLK
nCLK
TEST_CLK
SEL1
SEL0
OE_B
MR
OE_REF
S_LOAD
S_DATA
S_CLOCK
nP_LOAD
M8:M0
NA2:NA0
NB2:NB0
BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com