Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCS00PZ Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BCS00PZ
Description  Capacitive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BCS00PZ Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BCS00PZ Datasheet HTML 1Page - Balluff Korea Ltd. BCS00PZ Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Capacitive Sensors
BCS M12BBI1-NOC40D-EP02
Order Code: BCS00PZ
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-02
Subject to change without notice: 186917
ETIM 6.0: EC002715
BCS00PZ_0.79_2021-06-18
2 / 2
Material
Cover material
PA
Housing material
PBT
Material jacket
PUR
Material sensing surface
PBT
Mechanical data
Dimension
Ø 12 x 61 mm
Installation
for flush mounting
Size
M12x1
Thread (A)
M12x1
Tightening torque
1 Nm
Range/Distance
Hysteresis H max. (% of Sr)
15.0 %
Measuring range
1...4 mm
Rated operating distance Sn
4 mm
Repeat accuracy max. (% of Sr)
2.0 %
Temperature drift max. (% of Sr)
20 % [-5…55 °C]
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com