Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS670M-03ILFT Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS670M-03ILFT
Description  LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS670M-03ILFT Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS670M-03ILFT Datasheet HTML 1Page - Integrated Circuit Systems ICS670M-03ILFT Datasheet HTML 2Page - Integrated Circuit Systems ICS670M-03ILFT Datasheet HTML 3Page - Integrated Circuit Systems ICS670M-03ILFT Datasheet HTML 4Page - Integrated Circuit Systems ICS670M-03ILFT Datasheet HTML 5Page - Integrated Circuit Systems ICS670M-03ILFT Datasheet HTML 6Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
MDS 670-03 G
4
Revision 010306
Integrated Circuit Systems l 525 Race Street, San Jose, CA 95126 l tel (408) 297-1201 l
www.icst.com
ICS670-03
AC Electrical Characteristics
VDD = 3.3V ±10%, Ambient Temperature -40 to +85
°C, unless stated otherwise
Note 1: Rising edge of ICLK compared with rising edge of CLK2, with FBCLK connected to FBIN, and 15
pF load on CLK2. See graph on page 5 for skew vs. frequency and loading.
Thermal Characteristics
Short Circuit Current
IOS
Each output
±50
mA
Internal Pull-up Resistor
RPU
OE, select pins
200
k
Ω
Input Capacitance
CIN
OE, select pins
5
pF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Parameter
Symbol
Conditions
Min.
Typ. Max. Units
Input Clock Frequency
fIN
See table on page 2
5
210
MHz
Output Clock Frequency
210
MHz
Output Rise Time
tOR
0.8 to 2.0 V, no load
1.5
ns
Output Fall Time
tOF
2.0 to 0.8 V, no load
1.5
ns
Output Clock Duty Cycle
tDC
measured at VDD/2
40
50
60
%
Input to Output Skew
Note 1
±100
ps
Maximum Absolute Jitter
short term
±45
ps
Maximum Jitter
one sigma
15
ps
Phase Noise, relative to
carrier, 125 MHz (x5)
100 Hz offset
-110
dBc/Hz
1 kHz offset
-122
dBc/Hz
10 kHz
-124
dBc/Hz
200 kHz
-117
dBc/Hz
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
120
°C/W
θ
JA
1 m/s air flow
115
°C/W
θ
JA
3 m/s air flow
105
°C/W
Thermal Resistance Junction to Case
θ
JC
58
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com