Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS843246AMT Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS843246AMT
Description  FEMTOCLOCKS??CRYSTAL-TO-3.3V LVPECL FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS843246AMT Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS843246AMT Datasheet HTML 4Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 5Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 6Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 7Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 8Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 9Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 10Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 11Page - Integrated Circuit Systems ICS843246AMT Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
843246AM
www.icst.com/products/hiperclocks.html
REV. A SEPTEMBER 29, 2005
8
Integrated
Circuit
Systems, Inc.
ICS843246
FEMTOCLOCKS™CRYSTAL-TO-3.3V LVPECL
FREQUENCY SYNTHESIZER W/INTEGRATED FANOUT BUFFER
PRELIMINARY
As in any high speed analog circuitry, the power supply pins
are vulnerable to random noise. The ICS843246 provides
separate power supplies to isolate any high switching
noise from the outputs to the internal PLL. V
CC, VCCA and
V
CCO should be individually connected to the power supply
plane through vias, and bypass capacitors should be used
for each pin. To achieve optimum jitter performance, power
supply isolation is required. Figure 1 illustrates how a 10
Ω
resistor along with a 10
μF and a .01μF bypass capacitor
should be connected to each V
CCA pin. The 10Ω resistor
can also be replaced by a ferrite bead.
POWER SUPPLY FILTERING TECHNIQUES
FIGURE 1. POWER SUPPLY FILTERING
10
Ω
V
CCA
10
μF
.01
μF
3.3V
.01
μF
V
CC
APPLICATION INFORMATION
CRYSTAL INPUT INTERFACE
The ICS843246 has been characterized with 18pF parallel
resonant crystals. The capacitor values shown in Figure 2
Figure 2. CRYSTAL INPUt INTERFACE
below were determined using an 18pF parallel resonant
crystal and were chosen to minimize the ppm error.
C1
22p
X1
18pF Parallel Crystal
C2
22p
XTAL_OUT
XTAL_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com