Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2760AX Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS2760AX
Description  High-Precision Li Battery Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2760AX Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS2760AX Datasheet HTML 1Page - Maxim Integrated Products DS2760AX Datasheet HTML 2Page - Maxim Integrated Products DS2760AX Datasheet HTML 3Page - Maxim Integrated Products DS2760AX Datasheet HTML 4Page - Maxim Integrated Products DS2760AX Datasheet HTML 5Page - Maxim Integrated Products DS2760AX Datasheet HTML 6Page - Maxim Integrated Products DS2760AX Datasheet HTML 7Page - Maxim Integrated Products DS2760AX Datasheet HTML 8Page - Maxim Integrated Products DS2760AX Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
DS2760
4
DETAILED PIN DESCRIPTION Table 1
SYMBOL
TSSOP*
FLIP
CHIP*
DESCRIPTION
CC
1
C1
Charge Protection Control Output. Controls an external p-channel
high-side charge protection FET.
DC
3
B2
Discharge Protection Control Output. Controls an external p-channel
high-side discharge protection FET.
DQ
7
B4
Data Input/Out. 1-Wire data line. Open-drain output driver. Connect
this pin to the DATA terminal of the battery pack. Pin has an internal
1
mA pull-down for sensing disconnection.
PIO
14
E2
Programmable I/O Pin. Used to control and monitor user-defined
external circuitry. Open drain to VSS.
PLS
2
B1
Battery Pack Positive Terminal Input. The device monitors the state of
the battery pack’s positive terminal through this pin in order to detect
events such as the attachment of a charger or the removal of a short
circuit. Additionally, a charge path to recover a deeply depleted cell is
provided from PLS to VDD.
PS
10
E4
Power Switch Sense Input. The device wakes up from Sleep Mode
when it senses the closure of a switch to VSS on this pin. Pin has an
internal 1
mA pull-up to VDD.
VIN
16
D1
Voltage Sense Input. The voltage of the Li+ cell is monitored via this
input pin. This pin has a weak pullup to VDD.
VDD
15
E1
Power Supply Input. Connect to the positive terminal of the Li+ cell
through a decoupling network.
VSS
11,12,13
F3
Device Ground. Connect directly to the negative terminal of the Li+ cell.
For the external sense resistor configuration, connect the sense resistor
between VSS and SNS.
SNS
4,5,6
A3
Sense Resistor Connection. Connect to the negative terminal of the
battery pack. In the internal sense resistor configuration, the sense resistor
is connected between VSS and SNS.
IS1
9
D4
Current Sense Input. This pin is internally connected to VSS through a
4.7k
W resistor. Connect a 0.1mF capacitor between IS1 and IS2 to
complete a low-pass input filter.
IS2
8
C4
Current Sense Input. This pin is internally connected to SNS through a
4.7k
W resistor.
SNS
Probe
N/A
C2
Do Not Connect.
VSS
Probe
N/A
D2
Do Not Connect.
* Mechanical drawing for the 16-pin TSSOP and DS2760 flip-chip package can be found at:
http://pdfserv.maxim-ic.com/arpdf/Packages/16tssop.pdf
http://pdfserv.maxim-ic.com/arpdf/Packages/chips/2760x.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com