Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCIMX6QP7CVT1AB Datasheet(PDF) 98 Page - NXP Semiconductors

Part # SCIMX6QP7CVT1AB
Description  i.MX 6DualPlus/6QuadPlus Automotive Applications Processors
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCIMX6QP7CVT1AB Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button SCIMX6QP7CVT1AB Datasheet HTML 94Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 95Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 96Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 97Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 98Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 99Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 100Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 101Page - NXP Semiconductors SCIMX6QP7CVT1AB Datasheet HTML 102Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 166 page
background image
i.MX 6DualPlus/6QuadPlus Automotive Applications Processors, Rev. 3, 11/2018
98
NXP Semiconductors
Electrical Characteristics
4.12.10.3 Electrical Characteristics
Figure 61 depicts the sensor interface timing. IPU2_CSIx_PIX_CLK signal described here is not
generated by the IPU. Table 63 lists the sensor interface timing characteristics.
Figure 61. Sensor Interface Timing Diagram
4.12.10.4 IPU Display Interface Signal Mapping
The IPU supports a number of display output video formats. Table 64 defines the mapping of the Display
Interface Pins used during various supported video interface formats.
Table 63. Sensor Interface Timing Characteristics
ID
Parameter
Symbol
Min
Max
Unit
IP1
Sensor output (pixel) clock frequency
Fpck
0.01
180
MHz
IP2
Data and control setup time
Tsu
2
—
ns
IP3
Data and control holdup time
Thd
1
—
ns
—
Vsync to Hsync
Tv-h
1/Fpck
—
ns
—
Vsync and Hsync pulse width
Tpulse
1/Fpck
—
ns
—
Vsync to first data
Tv-d
1/Fpck
—
ns
Table 64. Video Signal Cross-Reference
i.MX
6DualPlus/6QuadPlus
LCD
Comment1,2
Port Name
(x = 0, 1)
RGB,
Signal
Name
(General)
RGB/TV Signal Allocation (Example)
16-bit
RGB
18-bit
RGB
24 Bit
RGB
8-bit
YCrCb3
16-bit
YCrCb
20-bit
YCrCb
IPUx_DISPx_DAT00
DAT[0]
B[0]
B[0]
B[0]
Y/C[0]
C[0]
C[0]
—
IPUx_DISPx_DAT01
DAT[1]
B[1]
B[1]
B[1]
Y/C[1]
C[1]
C[1]
—
IPUx_DISPx_DAT02
DAT[2]
B[2]
B[2]
B[2]
Y/C[2]
C[2]
C[2]
—
IPUx_DISPx_DAT03
DAT[3]
B[3]
B[3]
B[3]
Y/C[3]
C[3]
C[3]
—
IPUx_DISPx_DAT04
DAT[4]
B[4]
B[4]
B[4]
Y/C[4]
C[4]
C[4]
—
IP3
IPUx_CSIx_DATA_EN,
IPUx_CSIx_VSYNC,
IP2
1/IP1
IPUx_CSIx_PIX_CLK
(Sensor Output)
IPUx_CSIx_HSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com