Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4352 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC4352
Description  40V, 7A Ideal Diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4352 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC4352 Datasheet HTML 6Page - Analog Devices LTC4352 Datasheet HTML 7Page - Analog Devices LTC4352 Datasheet HTML 8Page - Analog Devices LTC4352 Datasheet HTML 9Page - Analog Devices LTC4352 Datasheet HTML 10Page - Analog Devices LTC4352 Datasheet HTML 11Page - Analog Devices LTC4352 Datasheet HTML 12Page - Analog Devices LTC4352 Datasheet HTML 13Page - Analog Devices LTC4352 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LTC4451
11
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 6. 1.2V Diode-OR Using Auxiliary Supply to VCC for Low Voltage Operation
VAUX
2.75V TO 5.5V
VOUT
VCC
SHDN#
GND
LTC4451
IN
OUT
VINA
1.8V
VCC
GND
LTC4451
IN
OUT
CLOAD
82µF
30m ESR
SHDN#
STATUS
NC
STATUS
NC
VINB
1.8V
4451 F06
CIN1
0.1µF
CIN2
0.1µF
Figure 7. 28V Output Disconnect Switch Controlled by LTC2966
ENABLE
VOUT
28V
SHDN#
GND
LTC4451
STATUS
VCC
M1
FDS4465
IN
OUT
R2
10k
D1
BZX84C6V2L
R3
2k
R1
120
CLOAD
33µF
30m ESR
CSS
6.8nF
(OPTIONAL)
CHANNEL A
UV THRESHOLD = 20V
UV HYSTERESIS = 4V (24V RISE)
OPTIONAL CONNECTION
REF
INHA
INLA
GND
OUTA
VINA
LTC2966
VINB
RS2B
RS1B
PSB
RS2A
RS1A
PSA
OUTB
INHB
INLB
R6
121k
R5
44.2k
R4
316k
R3
243k
R2
40.2k
R1
200k
CHANNEL B
OV THRESHOLD = 36V
OV HYSTERESIS = 4V (32V FALL)
Q2
2N3904
SOT-23
Q1
2N3904
SOT-23
CIN1
0.1µF
4451 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com