Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC5596 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC5596
Description  100MHz to 70GHz Linear-in-dB RMS Power Detector with 35dB Dynamic Range
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5596 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC5596 Datasheet HTML 3Page - Analog Devices LTC5596 Datasheet HTML 4Page - Analog Devices LTC5596 Datasheet HTML 5Page - Analog Devices LTC5596 Datasheet HTML 6Page - Analog Devices LTC5596 Datasheet HTML 7Page - Analog Devices LTC5596 Datasheet HTML 8Page - Analog Devices LTC5596 Datasheet HTML 9Page - Analog Devices LTC5596 Datasheet HTML 10Page - Analog Devices LTC5596 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC5597
7
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Output Voltage, Linearity Error vs
RF Input Power at 100MHz
Output Voltage, Linearity Error vs
RF Input Power at 500MHz
Output Voltage, Linearity Error vs
RF Input Power at 1GHz
Output Voltage, Linearity Error vs
RF Input Power at 2.7GHz
Output Voltage, Linearity Error vs
RF Input Power at 5.8GHz
Output Voltage, Linearity Error vs
RF Input Power at 10GHz
Output Voltage, Linearity Error vs
RF Input Power at 15GHz
Output Voltage, Linearity Error vs
RF Input Power at 18GHz
Output Voltage, Linearity Error vs
RF Input Power at 24GHz
VCC = 3.3V, EN = 3.3V, TC= 25°C. CW, 50Ω Source
at RFIN, fRF = 2.7GHz, test circuit is shown in Figure 1.
5597 G01
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G02
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G03
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G04
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G05
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G06
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G07
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G08
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C
5597 G09
-45 -40 -35 -30 -25 -20 -15 -10 -5 0 5 10
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
4
3
2
1
0
-1
-2
-3
INPUT POWER (dBm)
125°C
105°C
85°C
25°C
-40°C
-55°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com